Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2RTS-R-3D-RSLASHCE

  • AI
    The **M2RTS-R-3D-R/CE** is a high-performance, compact remote I/O module from the **M2 Series** by **M-System (now MG CO., LTD)**. This specific model is an electronic component designed for industrial automation, specifically for interfacing between field signals and a network. Below is a breakdown of its technical specifications and electronic architecture. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the electronic capabilities: | Segment | Identification | Description | | :--- | :--- | :--- | | **M2RTS** | Model Type | Remote I/O Module (Thermocouple Input) | | **-R** | Power Input | 24V DC | | **-3** | Network Interface | Modbus / RS-485 | | **-D** | Input Type | Thermocouple (Multiple types supported) | | **-R/CE** | Option / Compliance | /R: Removable terminal block; /CE: CE marking compliant | --- ### 2. Core Electronic Specifications The module functions as a signal conditioner and digitizer. It converts low-level millivolt signals from thermocouples into digital data transmitted over a bus. #### Electrical Input (Field Side) * **Sensor Compatibility:** Supports Thermocouple types K, E, J, T, B, R, S, C, N, and U. * **Burnout Protection:** Upscale or Downscale (configurable). * **Cold Junction Compensation (CJC):** Integrated sensor within the terminal block to maintain accuracy. #### Communication (Network Side) * **Protocol:** Modbus-RTU. * **Physical Layer:** RS-485 (Half-duplex). * **Baud Rate:** Up to 38.4 kbps. * **Transmission Distance:** Maximum 500 meters. #### Power & Isolation * **Supply Voltage:** 24V DC (±10%). * **Current Consumption:** Approx. 40 mA. * **Dielectric Strength:** 2000V AC @ 1 minute (Input to Output to Power to Ground). --- ### 3. Internal Components and Logic The unit's internal circuitry is divided into three primary functional blocks: 1. **Analog Front End (AFE):** Contains high-precision A/D converters (typically 16-bit) and noise filtering circuits to handle sensitive thermocouple signals in noisy industrial environments. 2. **Microprocessor Block:** Manages the linearization of thermocouple curves, performs CJC calculations, and handles the Modbus stack logic. 3. **Isolation Barrier:** Uses optoisolators and miniature transformers to ensure the high-voltage transients on the field side do not damage the PLC or communication network. --- ### 4. Connectivity Table | Terminal No. | Assignment | Function | | :--- | :--- | :--- | | 1 - 2 | Input + / - | Thermocouple Connection | | 3 - 4 | NC | No Connection | | 5 - 6 | RS-485 (A/B) | Communication Bus | | 7 - 8 | Power Supply | 24V DC Input |
    ✨ Follow-up Questions
    • ⤷ How do I configure the Modbus address for this module?
    • ⤷ What is the maximum accuracy error for Type K thermocouples on this unit?
    • ⤷ Does this model support mounting on a standard DIN rail?