Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2RTS-R-DA-M2/Q

  • AI
    The **M2RTS-R-DA-M2/Q** is a high-performance, programmable signal conditioner/transmitter, typically manufactured by companies like **M-System**. This specific model is part of the M2-UNIT series, designed to convert a DC input signal into a standard process signal (such as 4–20 mA or 1–5 V). --- ## 1. Technical Specifications Breakdown The alphanumeric code represents specific hardware configurations: | Segment | Meaning | Description | | :--- | :--- | :--- | | **M2RTS** | Model Series | Remote I/O or Signal Transmitter (RTD Input) | | **R** | Power Input | Typically indicates **24V DC** power supply | | **DA** | Output Type | Direct Current (e.g., 4–20mA DC) | | **M2** | Supply Voltage | 100–240V AC (if applicable to this variant) | | **Q** | Option | Special specifications or "Quick Service" | --- ## 2. Key Electronic Components & Features ### A. RTD Input Stage * **Sensor Support:** Usually compatible with Pt100 or JPt100 resistance temperature detectors. * **3-Wire Compensation:** Includes circuitry to compensate for lead wire resistance to ensure accuracy over long distances. * **Burnout Protection:** Built-in logic to detect sensor failure; the output will drive to a "High" or "Low" limit if a wire breaks. ### B. Isolation Barrier * **3-Port Isolation:** The device provides electronic isolation between: 1. Input (Sensor) 2. Output (PLC/Controller) 3. Power Supply * **Dielectric Strength:** Usually rated for **2000V AC** for 1 minute, protecting sensitive downstream electronics from surges or ground loops. ### C. Signal Conversion & Microprocessor * **A/D Converter:** High-resolution Analog-to-Digital converter translates the ohmic resistance of the RTD into digital data. * **Linearization:** The internal CPU applies a linearization curve to the RTD signal to ensure the output is proportional to the temperature, not the resistance. * **Zero/Span Adjustment:** Accessible via the front panel (often using a screwdriver or digital programmer) to calibrate the signal offset. --- ## 3. Physical & Installation Hardware * **Mounting:** Designed for standard **DIN Rail** mounting. * **Terminals:** M3.5 screw terminals (barrier type). * **Housing Material:** Flame-resistant resin (Polycarbonate). * **Status Indicator:** Typically features a Power LED and an Error LED to indicate operational status or sensor burnout. --- ## 4. Typical Application Diagram ```mermaid graph LR A[RTD Sensor] -- Resistance --> B(M2RTS Transmitter) B -- 4-20mA Signal --> C[PLC / DCS System] D[24V DC / AC Power] --> B ```
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring requirements for the 3-wire RTD input on this model?
    • ⤷ How do you calibrate the zero and span settings for the M2RTS?
    • ⤷ What is the maximum output load resistance supported by the 'DA' output configuration?