Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2SBS-412-R2

  • AI
    The **M2SBS-412-R2** is a specific model within the **M2SBS Series** of electronic components, typically categorized as a **Terminal Block / Interface Module** designed for industrial automation and signal distribution. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### ## 1. Technical Specifications This device acts as a bridge between high-density PLC/Controller connectors and discrete wiring. | Feature | Specification | | :--- | :--- | | **Model Number** | M2SBS-412-R2 | | **Product Type** | Interface Module / Terminal Block | | **Connection Type** | Screw Terminal to Ribbon Cable/Connector | | **Number of Poles** | 40 Poles (Common for "4" series) | | **Mounting Type** | DIN Rail (35mm) | | **Current Rating** | Typically 0.5A to 1A per point | | **Voltage Rating** | 125V AC / 24V DC (Standard operating range) | --- ### ## 2. Key Electronic Components The internal circuitry of the R2 revision usually includes several protection and signal management components: * **PC Board (PCB):** A multi-layer fiberglass board that routes signals from high-density pins to accessible screw terminals. * **LED Indicators:** Most "R2" variants include status LEDs for each I/O point to indicate when a signal is active. * **Protection Diodes:** Often integrated to prevent back-EMF (Electromotive Force) when switching inductive loads like relays. * **Screw Terminals:** Zinc-plated or copper alloy terminals designed for secure physical connection of wires ranging from 22-14 AWG. --- ### ## 3. Typical Application Wiring In an industrial environment, the M2SBS-412-R2 is used to simplify the wiring of a PLC. Instead of wiring 40 individual pins manually to a controller, a single pre-assembled cable is used. ```yaml Signal Flow: [PLC Output Card] -> [Multi-pin Ribbon Cable] -> [M2SBS-412-R2] -> [Field Devices/Sensors] ``` ### ## 4. Structural Design * **Housing:** Made of Polyamide (PA 6.6) which is flame retardant. * **Footing:** Features a universal foot for mounting on **NS 35/7.5** or **NS 32** DIN rails. * **R2 Revision Improvements:** The "R2" suffix generally denotes a second-generation revision which may feature improved vibration resistance or a more compact footprint compared to the original R1. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the 40-pole connector on this module?
    • ⤷ Can the M2SBS-412-R2 handle 220V AC signals?
    • ⤷ Is this module compatible with specific PLC brands like Mitsubishi or Omron?