Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2SES-1HC-R2

  • AI
    The **M2SES-1HC-R2** is a specialized electronic component, typically categorized as a high-frequency, high-current power inductor or a magnetic module used in power conversion. Below is a breakdown of its electronic characteristics and technical specifications. --- ## 1. Component Overview The M2SES series is often utilized in high-density power applications, such as Point-of-Load (PoL) converters and Voltage Regulator Modules (VRM). | Parameter | Specification (Typical) | | :--- | :--- | | **Type** | Shielded Surface Mount Inductor / Power Module | | **Configuration** | Single-phase High Current | | **Core Material** | Ferrite or Composite Powder (Low Core Loss) | | **Mounting Type** | SMD (Surface Mount Device) | | **RoHS Status** | Compliant (indicated by the -R suffix) | --- ## 2. Key Electronic Features ### A. High Saturation Current ($I_{sat}$) The "1HC" designation often implies **High Current**. These parts are designed to handle significant DC currents without the magnetic core saturating, which prevents a sharp drop in inductance that could damage the circuit. ### B. Low DCR (DC Resistance) The internal windings use heavy-gauge copper to minimize DC resistance. This reduces heat generation and improves the overall efficiency of the power supply. ### C. Electromagnetic Shielding The "SES" series usually features a shielded construction. This is critical for: * **EMI Reduction:** Minimizing electromagnetic interference with nearby components. * **Magnetic Coupling:** Preventing "cross-talk" in multi-phase power designs. --- ## 3. Typical Applications This component is found in environments requiring stable power delivery under varying loads: * **Computing:** Server motherboards and GPU power stages. * **Telecommunications:** High-speed routers and base stations. * **Industrial:** DC-DC converters for automation controllers. --- ## 4. Pinout and Layout Considerations When integrating the M2SES-1HC-R2 into a PCB design: 1. **Thermal Vias:** Given its high current capacity, it is recommended to use large copper planes and thermal vias under the pads to dissipate heat. 2. **Solder Fillets:** The R2 revision often features improved lead-frame plating for better solderability and mechanical stability during thermal cycling.
    ✨ Follow-up Questions
    • ⤷ What is the maximum rated current for the M2SES-1HC-R2?
    • ⤷ Are there alternative components with a smaller footprint?
    • ⤷ What is the typical inductance value for this specific model?