Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2TG-51-R2/N

  • AI
    The **M2TG-51-R2/N** belongs to the M2 series of **Rotary Pulse Generators (Encoders)** manufactured by **Nidec Copal Electronics**. These are high-precision electronic components used to convert mechanical rotation into electrical signals. --- ### 1. Key Technical Specifications The part number `M2TG-51-R2/N` breaks down into specific technical characteristics: | Feature | Specification | Description | |:---|:---|:---| | **Series** | M2 | Miniature Optical Rotary Encoder | | **Resolution** | 50 - 100 P/R | Typically indicates pulses per revolution | | **Output Phase** | A & B | Quadrature output (allows sensing of direction) | | **Supply Voltage** | 5V DC | Standard logic level power | | **Technology** | Optical | Non-contact sensing for high durability | | **Mounting** | Panel Mount | Designed for human-machine interface (HMI) | --- ### 2. Electronic Components & Internal Design The device functions through a combination of several internal electronic parts: * **Infrared LED:** Acts as the light source. * **Photo-detector IC:** Receives the light through a slotted disk. * **Slotted Code Disk:** A precision-engineered disk that interrupts the light beam to create pulses. * **Comparator/Logic Circuit:** Converts the analog signal from the photo-detectors into clean digital square waves (TTL compatible). ### 3. Pinout and Connection Most units in this series utilize a 4-pin or 5-pin configuration: ```text Pin 1: Vcc (+5V) Pin 2: Output Phase A Pin 3: Output Phase B Pin 4: Ground (GND) ``` --- ### 4. Common Applications Due to its small form factor and reliable electronic output, it is commonly used in: 1. **Medical Equipment:** Adjusting parameters on digital screens. 2. **Audio Equipment:** Volume controls or frequency tuning. 3. **Industrial Controllers:** Menu navigation and value settings. 4. **Robotics:** Small motor feedback loops. --- ### 5. Mechanical & Environmental Ratings * **Rotational Torque:** Low torque for smooth manual operation. * **Operating Temp:** Typically -10°C to +60°C. * **Rotational Life:** High cycles (often exceeding 50,000 revolutions) due to the optical nature which lacks the wear-and-tear of mechanical contact encoders.
    ✨ Follow-up Questions
    • ⤷ How does an optical encoder differ from a mechanical contact encoder in terms of lifespan?
    • ⤷ What is the specific pulse per revolution (P/R) count for the M2TG-51-R2/N model?
    • ⤷ Can this encoder be used with a 3.3V microcontroller like an ESP32 or Raspberry Pi?