Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2TS-32-R/BL

  • AI
    The **M2TS-32-R/BL** is a high-performance **Automatic Transfer Switch (ATS)** designed for rack-mounted power redundancy in data centers and industrial environments. It ensures that critical equipment remains powered by automatically switching between two independent power sources (Source A and Source B). ### Technical Specifications Overview | Feature | Specification | | :--- | :--- | | **Model** | M2TS-32-R/BL | | **Max Current** | 32 Amps | | **Input Voltage** | 200V - 240V AC | | **Rack Units (U)** | 2U Rackmount | | **Switching Time** | 8ms to 15ms (Typical) | | **Display Type** | LED / LCD Status Indicators | --- ### Core Electronic Components and Functions The internal architecture of the M2TS-32-R/BL is composed of several critical subsystems: #### 1. Dual Input Power Circuitry The device features two separate power inputs (Primary and Secondary). The electronic control board constantly monitors the voltage and frequency of both sources to ensure they are within safe operating parameters. #### 2. Solid State & Electromagnetic Switching * **Relays/Contactors:** High-capacity electromagnetic relays perform the physical switching between sources. * **Logic Controller:** A microprocessor acts as the "brain," detecting a power failure or "brownout" on the primary source and triggering the relay to move to the secondary source in milliseconds. #### 3. Protection Mechanisms * **Overload Protection:** Includes internal circuit breakers or fuses to prevent damage if the connected load exceeds 32A. * **Surge Suppression:** Integrated electronic filters to protect downstream equipment from voltage spikes during the switching process. #### 4. Monitoring and Management (The "BL" designation) The "BL" often refers to the **Blue/Backlit** display or specific **Network Management** capabilities: * **LCD Interface:** Provides real-time data on current (Amps), voltage (Volts), and power (kW). * **SNMP/Web Card:** Many units in this series include an RJ45 Ethernet port for remote monitoring via a web browser or data center management software. --- ### Operating Logic 1. **Normal State:** The load is powered by Source A (Primary). 2. **Detection:** If Source A fails or becomes unstable, the internal sensing circuit detects the drop within microseconds. 3. **Transfer:** The switch flips to Source B. The transfer is fast enough (approx. 10-15ms) that the power supplies (PSUs) of the connected servers do not shut down. 4. **Recovery:** Once Source A is restored and stable for a set period, the ATS can be configured to switch back automatically.
    ✨ Follow-up Questions
    • ⤷What is the difference between an ATS like the M2TS and a standard PDU?
    • ⤷ How does the 8-15ms switching time affect sensitive server equipment?
    • ⤷ Can the M2TS-32-R/BL be managed remotely via SNMP?