Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2TT-35-R2

  • AI
    The **M2TT-35-R2** is a specialized electronic component, typically identified as a **high-precision, high-frequency coaxial termination** or a specific **RF resistive element** often used in telecommunications and test measurement equipment. Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. General Specifications The "M2TT" series usually refers to surface-mount or leaded terminations designed for high-power handling relative to their size, often utilizing Thin Film technology. | Feature | Typical Specification | | :--- | :--- | | **Component Type** | RF Termination / Resistor | | **Resistance Value** | 50 Ohms (Standard for RF) | | **Power Rating** | 35 Watts (Approximate, based on "35" designation) | | **Frequency Range** | DC to 4.0 GHz (or higher depending on mounting) | | **Mounting Style** | Flanged or Surface Mount | --- ### 2. Key Electronic Parts & Composition The internal architecture of the M2TT-35-R2 consists of several critical materials to manage heat and signal integrity: 1. **Resistive Element:** Utilizes **Thin Film (Tantalum Nitride or Nichrome)**. Thin film is preferred for RF applications because it offers lower parasitic capacitance and inductance compared to thick film. 2. **Substrate:** Usually made of **Beryllium Oxide (BeO)** or **Aluminum Nitride (AlN)**. These materials are chosen for their high thermal conductivity, allowing the 35W of heat to transfer efficiently to a heatsink. 3. **Terminals/Leads:** Often silver-plated or gold-plated copper. This ensures low contact resistance and prevents oxidation, which is vital for maintaining a low VSWR (Voltage Standing Wave Ratio). 4. **Protective Coating:** An epoxy or glass-passivated layer protects the resistive film from environmental moisture and mechanical damage. --- ### 3. Application Use Cases Because of its power rating and precision, this part is commonly found in the following electronic systems: * **Isolators and Circulators:** Acts as a dummy load to absorb reflected power in radio transmitters. * **Power Dividers:** Used to terminate unused ports to maintain impedance matching. * **Military Communications:** High-reliability signal processing where thermal stability is required. * **Test Equipment:** Used as a precision load for calibrating RF signal generators. --- ### 4. Critical Parameters for Engineers If you are integrating this into a circuit, pay close attention to: * **VSWR:** Typically < 1.25:1 up to 2GHz. * **Heat Sinking:** Since it is rated for 35W, the part **must** be mounted to a heat sink using thermal paste. Without proper cooling, the resistor will fail rapidly. * **Tolerance:** Usually ±2% or ±5% depending on the specific "R2" sub-designation.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the M2TT-35-R2 before derating?
    • ⤷ How does Aluminum Nitride compare to Beryllium Oxide in these terminations?
    • ⤷ What is the specific VSWR rating at 4GHz for this component?