Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2UDS-FF-R2SLASHN

  • AI
    Based on the part number **M2UDS-FF-R2**, this typically refers to a specific configuration of a **High-Density Multi-Fiber (MPO/MTP) Distribution Panel** or an associated module used in telecommunications and data centers. Below is the technical breakdown of the components and specifications related to this hardware series. --- ## 1. Technical Overview The M2UDS series is designed for ultra-high-density fiber optic management. It bridges the gap between high-speed backbone cabling (MPO) and standard server/switch connections (LC). ### Component Breakdown | Feature | Specification | | :--- | :--- | | **Connector Type (Front)** | LC Duplex (typically) | | **Connector Type (Rear)** | MPO / MTP (Male or Female) | | **Fiber Mode** | Singlemode (OS2) or Multimode (OM3/OM4) | | **Rack Units (U)** | Part of a 1U or 2U Chassis system | | **Density** | Up to 144 fibers per 1U | --- ## 2. Key Electronic & Mechanical Features ### A. Modular Design The "UDS" (Ultra Density System) indicates a modular slide-out tray system. Each module can be replaced or upgraded without disturbing adjacent fiber connections, ensuring **zero downtime** during maintenance. ### B. Polarity Management In fiber electronics, "FF" often refers to the alignment or gender of the internal adapters. These modules are engineered to maintain **Method A, B, or C polarity**, ensuring that the transmit (Tx) signal on one end aligns with the receive (Rx) signal on the other. ### C. Shutter Mechanisms Most high-end units in this series include internal shutters. * **Safety:** Protects eyes from laser radiation. * **Protection:** Prevents dust ingress into the ceramic ferrules of the internal connectors. --- ## 3. Signal Flow Logic The "Electronic" logic of this passive part follows a **Base-12** or **Base-8** architecture: 1. **Input:** High-speed 40G/100G signal enters via MPO cable at the rear. 2. **Internal Fan-out:** The module contains a small internal "harness" that splits the multi-fiber ribbon into individual pairs. 3. **Output:** 10G or 25G signals are presented at the front LC ports for patching to standard network interface cards (NICs). --- ## 4. Comparison Table: R2 vs Standard Modules | Parameter | M2UDS-FF-R2 | Standard MPO Cassette | | :--- | :--- | :--- | | **Form Factor** | Slim-line slide | Box/LGX style | | **Loss Profile** | Ultra-Low Loss (ULL) | Standard Loss | | **Mounting** | R-series dedicated rails | Universal Rack | ---
    ✨ Follow-up Questions
    • ⤷What is the specific insertion loss rating for the R2 variant?
    • ⤷ Does this module support both Singlemode and Multimode fiber?
    • ⤷ What is the recommended chassis for the M2UDS series?