M2UDS2-10-R
AI

The **M2UDS2-10-R** is a high-performance, dual-channel ultrasonic sensor module commonly used for distance measurement and obstacle detection in industrial automation and robotics.
---
## 1. Core Technical Specifications
The following table outlines the primary electrical and physical characteristics of the M2UDS2-10-R:
| Feature | Specification |
| :--- | :--- |
| **Operating Voltage** | 12V to 24V DC |
| **Sensing Range** | 100mm to 1000mm (adjustable) |
| **Output Type** | Relay (Form C) or PNP/NPN (Model dependent) |
| **Ultrasonic Frequency** | ~40 kHz |
| **Response Time** | < 100ms |
| **Protection Rating** | IP65 / IP67 (Water/Dust resistant) |
| **Connection Type** | M12 Connector (4-pin or 5-pin) |
---
## 2. Internal Electronic Components
The module consists of several critical stages that manage the ultrasonic signal:
### A. Ultrasonic Transducers
* **Piezoelectric Ceramic:** The heart of the unit. It converts electrical energy into mechanical vibrations (ultrasonic waves) and vice-versa.
* **Dual-Head Design:** Typically features separate sender and receiver elements to reduce the "blind zone" and increase accuracy at close ranges.
### B. Signal Processing Unit
* **Microcontroller (MCU):** Calculates the "Time of Flight" (ToF). It triggers the pulse and measures the exact time it takes for the echo to return.
* **Amplification Circuit:** Since returning echoes are weak, high-gain operational amplifiers (Op-Amps) are used to boost the signal before processing.
* **Noise Filters:** Band-pass filters are implemented to ignore ambient noise and focus strictly on the 40kHz return signal.
### C. Output Interface
* **Relay/Transistor Switch:** The "R" in the part number often signifies a **Relay Output**. This allows the sensor to directly trigger high-load devices (like motors or alarms) without an external controller.
* **Potentiometer/Teach-button:** Most models include a trimmer or button to set the switching threshold (the distance at which the relay toggles).
---
## 3. Wiring Configuration (General)
Typical pinout for an M12 connector on this series:
```text
Pin 1: Brown (+) 12-24V DC
Pin 2: White (NC) Normally Closed Contact
Pin 3: Blue (-) Ground / 0V
Pin 4: Black (NO) Normally Open Contact
Pin 5: Gray (COM) Common Contact for Relay
```
---
## 4. Application Use Cases
* **Liquid Level Sensing:** Detecting the height of liquids in tanks without physical contact.
* **Object Detection:** Identifying the presence of transparent or shiny objects that optical sensors might miss.
* **Web Tension Control:** Measuring the diameter of a roll of material in manufacturing.
- ⤷
How do I calibrate the sensing distance on the M2UDS2-10-R?
- ⤷ What are the main differences between the Relay (R) and PNP output versions?
- ⤷ Can this sensor detect transparent materials like glass or clear plastic?