Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2UDS2-150-R2

  • AI
    The **M2UDS2-150-R2** is a specialized electronic component, typically identified as a **DC-DC Converter** or a power module used in industrial automation and precision instrumentation. It is often part of the M2 series by manufacturers like M-System (now MG CO., LTD). --- ### ## Technical Specifications The following table outlines the primary electronic characteristics of the M2UDS2-150-R2: | Feature | Specification | | :--- | :--- | | **Component Type** | DC-DC Converter / Isolator | | **Input Range** | 0 – 50 mV DC (Configurable) | | **Output Range** | 4 – 20 mA DC | | **Power Input** | 100 – 240V AC or 24V DC (Model dependent) | | **Isolation** | 3-way isolation (Input, Output, Power) | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Accuracy** | ±0.1% of span | --- ### ### Key Electronic Components & Architecture The device functions through several internal stages designed to maintain signal integrity and safety: 1. **Input Conditioning Stage:** * Uses high-precision **Op-Amps** to amplify low-level millivolt signals without introducing thermal noise. * Contains surge protection circuitry to prevent damage from transients. 2. **Isolation Barrier:** * Utilizes an **Optical Isolator (Optocoupler)** or **Transformer Isolation** to separate the input and output circuits electrically. This prevents ground loops. 3. **Signal Conversion:** * The core electronics use a **Pulse Width Modulation (PWM)** or **Voltage-to-Current (V/I)** converter circuit to translate the processed input into a stable 4-20mA current loop. 4. **Power Supply Unit (PSU):** * An internal switching regulator ensures that internal components receive stable DC voltage regardless of fluctuations in the mains power. --- ### ### Physical Interface (Wiring) The device is usually mounted on a DIN rail. Below is a simplified representation of the terminal connections: ```text Terminal | Description ---------|----------------------------- 1 & 2 | Power Supply (L / N or +/-) 3 & 4 | Input Signal (+ / -) 5 & 6 | Output Signal (+ / -) GND | Grounding Terminal ``` --- ### ### Common Applications * **Signal Normalization:** Converting non-standard sensor signals into standard PLC inputs. * **Ground Loop Elimination:** Protecting sensitive control equipment from electrical noise. * **Signal Boosting:** Ensuring long-distance transmission of data without voltage drop.
    ✨ Follow-up Questions
    • ⤷ What are the specific mounting requirements for the M2UDS2 series?
    • ⤷ How does 3-way isolation differ from 2-way isolation in this module?
    • ⤷ Can the output signal be reconfigured to 0-10V instead of 4-20mA?