Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2UDS2-16D-R/N

  • AI
    The **M2UDS2-16D-R/N** is a specialized electronic component, typically categorized as a **Solid State Relay (SSR)** or an **I/O Module** used in industrial automation and control systems. It is part of a series often associated with high-density switching and PLC (Programmable Logic Controller) interface modules. --- ### Technical Specifications Overview | Parameter | Specification | | :--- | :--- | | **Component Type** | Solid State Relay / Interface Module | | **Channel Count** | 16 Channels | | **Input Voltage** | Typically 24V DC | | **Output Configuration** | NPN / Sinking (indicated by "N") | | **Mounting Type** | DIN Rail Mountable | | **Connector Type** | Usually MIL Connector or Terminal Block | --- ### Key Electronic Components & Features #### 1. Switching Elements (MOSFETs/Optocouplers) As a Solid State device, this module does not contain mechanical moving parts. * **Optoisolation:** Each of the 16 channels uses an optocoupler to isolate the control logic (PLC side) from the load side. This protects sensitive electronics from surges. * **Power MOSFETs:** High-speed switching is handled by internal transistors, allowing for millions of cycles without wear. #### 2. 16-Channel Density The "16D" in the part number signifies **16 Discrete Channels**. This high density allows for controlling multiple actuators (valves, motors, lamps) from a single compact footprint on a DIN rail. #### 3. Polarity & Logic (R/N) * **"N" Designation:** This typically refers to **NPN (Sinking)** logic. In this configuration, the module connects the load to the negative terminal (GND) when activated. * **"R" Designation:** Often indicates **Relay-style** logic or a specific Revision/Rack mounting style depending on the specific manufacturer's nomenclature (often associated with brands like Anywire or similar industrial bus providers). #### 4. Protection Circuitry The internal PCB (Printed Circuit Board) usually includes: * **Flyback Diodes:** To suppress inductive kicks from solenoids or motors. * **LED Indicators:** Visual diagnostics for each of the 16 channels to show status (ON/OFF). * **Overcurrent Protection:** Fuses or thermal shutdowns to prevent damage during a short circuit. --- ### Typical Application Diagram To integrate this part, it is usually wired between a Controller and the Field Devices: ```mermaid graph LR A[PLC / Controller] --> B(M2UDS2-16D-R/N) B --> C[Solenoid Valve] B --> D[Signal Lamp] B --> E[Small DC Motor] ``` ### Advantages of this Module 1. **Space Saving:** Consolidates 16 individual relays into one narrow housing. 2. **Longevity:** No contact pitting or arcing common in mechanical relays. 3. **Speed:** Capable of much higher switching frequencies than electromagnetic relays. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating per channel for the M2UDS2-16D-R/N?
    • ⤷ How do I wire the common terminal for NPN sinking logic on this module?
    • ⤷ Is this module compatible with CC-Link or other industrial communication protocols?