Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2UDS2-D0-R

  • AI
    The **M2UDS2-D0-R** is a specific model within the M2UDS series of **Digital Panel Meters** (specifically a Digital Bargraph Indicator) manufactured by **M-System**. These devices are used in industrial automation to visualize analog signals (like voltage or current) via both a digital numeric display and a high-visibility LED bargraph. --- ### 1. Key Technical Specifications The part number breaks down into specific electronic characteristics. Here is the technical breakdown: | Feature | Specification | | :--- | :--- | | **Input Signal** | DC Current or Voltage (Standard 4–20mA, 1–5V, etc.) | | **Display Type** | 3½ digit LED (numeric) + 101-segment Bargraph | | **Output Type** | Retransmission output (optional, depending on suffix) | | **Power Input** | 100 – 240V AC (Standard for the "R" code) | | **Mounting** | 1/8 DIN size (96 x 48 mm) | | **Accuracy** | ±0.1% rdg ±1 digit | --- ### 2. Electronic Components & Internal Functions The M2UDS2-D0-R operates through several internal electronic stages: 1. **Analog-to-Digital Converter (ADC):** The core of the unit. It samples the incoming analog signal (e.g., a 4-20mA loop from a pressure sensor) and converts it into a digital value for processing. 2. **Microprocessor:** Manages the scaling of the signal. For example, it converts a 4mA input to a "0.0" display and a 20mA input to a "100.0" display. 3. **Display Drivers:** * **Bargraph Driver:** Controls 101 individual LED segments to show a relative percentage of the signal. * **Numeric Driver:** Controls the 7-segment LED display for precise value reading. 4. **Switching Power Supply:** The "R" in the part number indicates a wide-range AC power supply (100-240V AC), which uses an internal transformer and regulator to provide stable DC power to the logic board. 5. **Isolation Circuitry:** Provides galvanic isolation between the input signal, the power supply, and the output to prevent ground loops and protect sensitive equipment. --- ### 3. Application Use Cases This specific part is typically found in: * **Process Control:** Monitoring tank levels or flow rates in real-time. * **Panel Building:** Providing operators with a quick "at-a-glance" visual via the bargraph and a "precise" read via the digits. * **Signal Conversion:** It can act as a signal conditioner if it includes the retransmission output option. ---
    ✨ Follow-up Questions
    • ⤷ What are the wiring diagrams for the 4-20mA input on this model?
    • ⤷ How do I calibrate the zero and span settings on the M2UDS?
    • ⤷ Does this model support Modbus or other digital communication protocols?