Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2VF-50-R2/UL

  • AI
    The **M2VF-50-R2/UL** is a high-performance, signal-conditioning module manufactured by **M-System**. It is specifically designed as a **V-Network (Voltage) Signal Conditioner** used to convert a variable DC input into a standard process signal. Below is a detailed breakdown of its electronic specifications and characteristics. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Model Series** | M2VF (Compact Plug-in Signal Conditioner) | | **Input Signal** | DC Voltage (Configurable via model suffix) | | **Output Signal** | DC Voltage or Current (e.g., 4-20mA, 0-10V) | | **Power Input (R2)** | 100 – 240V AC (Operating range: 85 – 264V AC) | | **Response Time** | Standard: ≤ 0.5 sec (0 to 90%) | | **Accuracy** | ±0.1% of span | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Safety Standard** | UL/cUL recognized (UL 61010-1) | --- ### 2. Internal Electronic Design The device utilizes several core electronic blocks to ensure signal integrity: * **Isolation Transformer:** Provides 2000V AC isolation between the power supply, input, and output. This prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges. * **Operational Amplifiers (Op-Amps):** High-precision amplifiers are used to linearize the input signal and provide zero/span adjustment capabilities. * **Switching Power Supply:** The "R2" designation indicates a wide-range AC power module that uses an internal rectifier and regulator to provide stable internal DC voltage regardless of line fluctuations. * **Protection Circuitry:** Includes internal fuses and surge absorbers to meet UL safety standards for industrial environments. --- ### 3. Pin Mapping & Connection The unit typically uses an **8-pin circular socket** for installation. | Pin No. | Function | Description | | :---: | :--- | :--- | | 1 | Output (+) | Positive DC Output | | 2 | Output (-) | Negative DC Output | | 3 | Input (+) | Positive DC Input | | 4 | Input (-) | Negative DC Input | | 5 | Power (U) | AC Power Supply (L) | | 6 | Power (V) | AC Power Supply (N) | | 7 | Ground | Frame Ground | | 8 | N/C | No Connection | --- ### 4. Configuration Options (Nomenclature) The model code **M2VF-50-R2/UL** breaks down as follows: * **M2VF**: Series name (Signal Conditioner). * **5**: Input code (e.g., 0 – 5V DC or as specified). * **0**: Output code (e.g., 1 – 5V DC or as specified). * **R2**: Power supply (100V – 240V AC). * **UL**: Certification for the US and Canadian markets. --- ### 5. Application Example ```python # Conceptual logic for a Signal Conditioner in a Control System def signal_conversion(input_voltage): # The M2VF-50-R2/UL converts raw sensor voltage # to a standard 4-20mA or 1-5V loop. input_min, input_max = 0.0, 5.0 # Volts output_min, output_max = 1.0, 5.0 # Volts (Standardized) # Linear interpolation formula ratio = (input_voltage - input_min) / (input_max - input_min) output_signal = output_min + (ratio * (output_max - output_min)) return round(output_signal, 3) # Example: Input 2.5V from a sensor print(f"Output Signal: {signal_conversion(2.5)}V") ```
    ✨ Follow-up Questions
    • ⤷What are the specific zero and span adjustment ranges for the M2VF series?
    • ⤷ Can this module be mounted on a DIN rail?
    • ⤷ What is the power consumption in VA for the R2 power option?