Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2VF-5W5W-R2

  • AI
    The **M2VF-5W5W-R2** is a specific model of an **M2-Series Analog Signal Conditioner** (often referred to as a signal isolator or transducer) manufactured by **M-System**. These devices are industrial-grade components used to interface between field instruments and control systems (PLC/DCS) to prevent ground loops and noise interference. --- ## 1. Technical Specifications The model code **M2VF-5W5W-R2** can be broken down into its functional electronic parts: | Code Segment | Feature | Description | | :--- | :--- | :--- | | **M2VF** | Model Type | **Signal Transmitter** (Variable output, high speed) | | **5W** | Input Signal | **0 – 5V DC** | | **5W** | Output Signal | **0 – 5V DC** | | **R** | Power Input | **24V DC** | | **2** | Isolation | **3-Way Isolation** (Input to Output to Power) | --- ## 2. Key Electronic Components & Internal Architecture The internal circuitry of this device is designed for high-precision industrial signal processing. ### A. Input Stage (0-5V) * **Voltage Divider/Buffer:** The input circuit uses high-impedance operational amplifiers to ensure it does not load the source signal. * **Surge Protection:** Includes Zener diodes or Varistors to protect the internal circuitry from high-voltage spikes on the signal line. ### B. Isolation Barrier (The "Core") * **Transformer/Optical Coupler:** This is the most critical part. It uses magnetic or optical coupling to pass the signal across a physical air gap. * **Purpose:** This breaks the electrical path, preventing **ground loops** and protecting sensitive PLC inputs from field-side electrical faults. ### C. Output Stage (0-5V) * **D/A Conversion/Filtering:** After crossing the isolation barrier, the signal is reconstructed. Low-pass filters are used to remove high-frequency noise. * **Driver Circuit:** An active driver ensures the 0-5V signal remains stable even if the receiving device has a lower input impedance. ### D. Power Supply Unit (24V DC) * **DC-DC Converter:** Converts the 24V DC input into internal regulated voltages (usually +/- 15V) to power the internal op-amps and the isolation circuit. --- ## 3. Physical & Installation Features * **Housing:** Compact, plug-in socket base (M2 series uses a standard 11-pin or 8-pin base). * **Adjustments:** Features "Zero" and "Span" adjustment potentiometers on the front panel to calibrate the signal accuracy. * **LED Indicator:** A power LED indicates the health of the 24V DC supply. ---
    ✨ Follow-up Questions
    • ⤷ What is the isolation voltage rating for the M2VF series?
    • ⤷ Can the input range be adjusted to 1-5V instead of 0-5V?
    • ⤷ What is the typical response time for the M2VF model?