Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2VF-65W-R/N

  • AI
    Based on the technical specifications for the **M2VF-65W-R/N**, this device is an industrial-grade **M.2 to Video (VGA/HDMI) converter module**. It is typically used in embedded computing, industrial PCs (IPC), and digital signage to add display outputs via an existing M.2 slot. --- ## 🛑 Technical Specifications Overview | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2280 (80mm length) | | **Interface** | PCIe (usually Gen2 x1 or Gen3 x1) | | **Video Chipset** | Silicon Motion SM750 or similar low-power GPU | | **Max Resolution** | 1920 x 1080 @ 60Hz (Full HD) | | **Connectors** | 1x HDMI / 1x VGA (via header cables) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ## 🛠️ Key Electronic Components The "R/N" in the model name often denotes specific output configurations or revision levels. Here is a breakdown of the internal electronic architecture: ### 1. Video Controller (The Heart) The module utilizes a **Silicon Motion (SMI)** graphics controller. Unlike high-end GPUs, this is a 2D-optimized chip designed for low power consumption and high reliability. It handles the bridge between the PCIe bus and the video signal. ### 2. Power Management (VRM) * **DC-DC Converters:** Since M.2 slots provide 3.3V, the board contains voltage regulators to step down or stabilize power for the logic core and the video output drivers. * **Protection Circuits:** Industrial versions include TVS (Transient Voltage Suppression) diodes to protect against ESD on the video ports. ### 3. Video Output Drivers * **HDMI Transmitter:** Converts the digital signal from the controller into TMDS (Transition Minimized Differential Signaling) for HDMI output. * **DAC (Digital-to-Analog Converter):** If the "R" variant includes VGA, a high-speed DAC is used to convert digital pixel data into the analog RGB signals required by VGA monitors. ### 4. Connectivity Ports The physical board usually does not have full-sized HDMI/VGA ports. Instead, it features: * **Pin Headers:** Small pitch connectors (e.g., 2.0mm or 1.25mm) where custom "pigtail" cables attach to lead to standard chassis-mounted ports. --- ## 📋 Comparison of Variants | Feature | "R" Suffix (Often) | "N" Suffix (Often) | | :--- | :--- | :--- | | **Primary Output** | HDMI / DVI | VGA / Analog | | **Signal Type** | Digital | Analog | | **Best Use Case** | Modern LCD Panels | Legacy Industrial Monitors | --- ## ⚠️ Installation Notes * **Keying:** Ensure your motherboard supports the specific M.2 Key (usually **B+M Key**) and that the slot supports PCIe signals, not just SATA. * **Driver Support:** These modules typically require specific SMI drivers for Windows, Linux, or specialized RTOS (Real-Time Operating Systems).
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout for the video header on the M2VF-65W?
    • ⤷ Which OS drivers are available for this SM750-based module?
    • ⤷ Can this module support dual independent displays or just mirrored output?