Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2VF2-012-R2

  • AI
    The **M2VF2-012-R2** is a specialized high-power automotive relay manufactured by **Song Chuan**. It is commonly used in vehicle electronics for switching heavy DC loads such as cooling fans, pumps, and power steering systems. --- ### 1. Key Technical Specifications The following table highlights the critical electrical and physical parameters of the component: | Feature | Specification | | :--- | :--- | | **Contact Form** | SPST (1 Form A) - Normally Open | | **Nominal Coil Voltage** | 12V DC | | **Max Switching Current** | 100A (at 14V DC) | | **Max Switching Power** | 1,400W | | **Coil Resistance** | Approx. 90Ω | | **Operating Temperature** | -40°C to +125°C | | **Terminal Type** | Plug-in (Faston) / Screw terminals | --- ### 2. Internal Electronic Components The device functions through an electromagnetic mechanism consisting of several internal parts: * **Electromagnetic Coil:** A copper-wire winding that creates a magnetic field when 12V is applied. * **Armature & Springs:** Mechanical components that move the contact bridge when the magnetic field is activated. * **Heavy-Duty Contacts:** Made from **Silver Tin Oxide (AgSnO2)**. This material is chosen for its excellent resistance to "contact welding" (sticking) and arc erosion during high-current switching. * **Arc Suppression (Optional):** Some versions include a parallel resistor or diode across the coil to protect the vehicle's ECU from back-EMF voltage spikes. --- ### 3. Pinout & Wiring Logic The M2VF2 series typically follows a standard high-power relay layout: | Pin Number | Function | Description | | :--- | :--- | :--- | | **85 & 86** | Coil Input | Triggered by the switch or ECU (12V/GND) | | **30** | Common | Connected to the positive battery terminal | | **87** | Normally Open | Connects to the Load (Fan, Motor, etc.) | --- ### 4. Common Applications Due to its 100A rating, this part is found in demanding automotive environments: * **Radiator Cooling Fans:** Managing high-surge startup currents. * **Electric Power Steering (EPS):** Providing reliable power to steering motors. * **Glow Plug Control:** For diesel engine pre-heating. * **Battery Management Systems (BMS):** Acts as a primary disconnect in high-voltage/high-current systems.
    ✨ Follow-up Questions
    • ⤷What is the difference between the R1 and R2 suffixes for Song Chuan relays?
    • ⤷ How do I calculate the flyback diode size for this relay?
    • ⤷ Can this relay be used in 24V marine applications?