Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2VF2-43-R2

  • AI
    The **M2VF2-43-R2** is a high-performance **M.2 (NGFF) to Dual Port OCuLink (SFF-8612) adapter**. It is primarily used in computing environments to bridge internal high-speed buses to external or internal NVMe storage expansions. --- ### 1. Key Technical Specifications The electronic design of the M2VF2-43-R2 focuses on signal integrity and power regulation to convert M.2 lanes into OCuLink interfaces. | Feature | Specification | | :--- | :--- | | **Input Interface** | M.2 Key M (PCIe x4) | | **Output Interface** | 2 x OCuLink (SFF-8612) 4i | | **Supported Protocols** | PCIe Gen 3 / PCIe Gen 4 | | **Data Rate** | Up to 16 GT/s per lane (PCIe 4.0) | | **Form Factor** | M.2 2280 | | **Logic Conversion** | Passive (Signal re-routing) with Level Shifters | --- ### 2. Major Electronic Components The board is populated with several critical components to ensure stable data transmission: #### A. OCuLink SFF-8612 Connectors These are high-density connectors designed for PCIe signals. They feature robust shielding to minimize **Electromagnetic Interference (EMI)** and maintain low insertion loss for Gen 4 speeds. #### B. Differential Pair Routing The PCB utilizes impedance-controlled traces (usually 85-100 ohms). Because this is a high-speed adapter, the copper traces are length-matched to ensure minimal **clock skew** between the PCIe pairs. #### C. Power Management (LDO/Regulators) - **Voltage Rails:** The card draws 3.3V from the M.2 slot. - **Filtering:** Includes ceramic capacitors (MLCC) to filter high-frequency noise from the power supply, ensuring that the sideband signals (PERST#, CLKREQ#) are clean. #### D. Sideband Logic It includes circuitry for handling PCIe sideband signals: * **WAKE#**: System wake-up. * **CLKREQ#**: Reference clock request. * **PERST#**: Fundamental reset. --- ### 3. Functional Pinout Mapping The M2VF2-43-R2 splits the 4 lanes of an M.2 slot into two separate paths, typically configured as follows: | M.2 Lane Group | Destination | Usage | | :--- | :--- | :--- | | Lanes 0-1 | OCuLink Port 1 | NVMe SSD or External GPU | | Lanes 2-3 | OCuLink Port 2 | NVMe SSD or External GPU | --- ### 4. Hardware Requirements * **Motherboard Compatibility:** Requires an M.2 Key M slot that supports PCIe bifurcation (if you intend to use both ports simultaneously for two separate devices). * **Cabling:** Requires SFF-8611 (OCuLink) cables to connect to the end device.
    ✨ Follow-up Questions
    • ⤷ Does the M2VF2-43-R2 require a specific BIOS setting for bifurcation?
    • ⤷ What is the maximum data throughput when using both OCuLink ports?
    • ⤷ Can this adapter be used to connect an external GPU (eGPU)?