Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2VF2-A2-R2

  • AI
    The **M2VF2-A2-R2** is a specialized electronic component, specifically a **Solid State Timer (Relay)** manufactured by **MACROMATIC**. It belongs to the SS series and is designed for industrial automation and control circuits. ### 1. Technical Specifications The following table outlines the primary electrical and physical characteristics of the M2VF2-A2-R2: | Feature | Specification | | :--- | :--- | | **Component Type** | Solid State Time Delay Relay | | **Input Voltage** | 120V AC (indicated by "A2") | | **Output Type** | SPDT (Single Pole Double Throw) | | **Output Rating** | 10A @ 240V AC / 28V DC | | **Function** | Variable Off-Delay / Interval (depending on wiring) | | **Time Range** | 0.1 to 10 Seconds (indicated by "R2") | | **Mounting** | 8-Pin Circular (Plug-in) | --- ### 2. Key Electronic Features * **Solid State Circuitry:** Unlike purely mechanical timers, this unit uses internal solid-state electronics for timing logic, ensuring high repeatability and a longer lifespan. * **Variable Adjustment:** The "R2" suffix designates a specific timing range (0.1–10s). The user can adjust the delay within this window using an integrated potentiometer on top of the device. * **Contact Configuration:** It features an isolated **SPDT relay**. This allows the device to control two separate circuits (one Normally Open, one Normally Closed) simultaneously when the timer triggers. * **Transient Protection:** Includes internal protection to prevent damage from voltage spikes commonly found in industrial power environments. --- ### 3. Functional Operation The device typically operates in one of the following modes depending on the specific sub-model wiring, but most commonly acts as an **Off-Delay** or **Interval** timer: 1. **Input Power:** When power is applied to the input terminals, the internal relay energizes (or starts the timer). 2. **Timing Cycle:** The electronics monitor the potentiometer setting. Once the set time (e.g., 5 seconds) expires, the relay switches states. 3. **Reset:** Removing power resets the internal solid-state logic for the next cycle. --- ### 4. Comparison to Standard Relays | Feature | Standard Relay | M2VF2-A2-R2 | | :--- | :--- | :--- | | **Switching** | Immediate | Delayed / Timed | | **Logic** | Electromechanical | Solid-State Timing + Relay Output | | **Adjustability** | None | Potentiometer Tunable |
    ✨ Follow-up Questions
    • ⤷ What are the alternative time ranges available for this series?
    • ⤷ How is the 8-pin base wired for an Off-Delay application?
    • ⤷ Can this unit handle inductive loads like motors?