Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2VF2-A2-R2/Q

  • AI
    The **M2VF2-A2-R2/Q** is a high-performance, industrial-grade camera module from the **Baumer VisiLine®** series. These cameras are engineered for machine vision applications requiring high frame rates and robust reliability. --- ### 1. Core Technical Specifications The "M2" designation typically refers to the CMOS sensor architecture used in this specific revision. | Feature | Specification | | :--- | :--- | | **Sensor Type** | CMOS (Global Shutter) | | **Interface** | Dual Gigabit Ethernet (GigE Vision) | | **Resolution** | 2.0 Megapixels (Approx. 1920 x 1080) | | **Frame Rate** | Up to 160+ fps (depending on ROI) | | **Color/Monochrome** | Usually Monochrome (denoted by the lack of 'C') | | **Mount Type** | C-Mount | --- ### 2. Electronic Components & Architecture The internal electronics are divided into three primary functional blocks: #### A. Imaging Backend (Sensor & AFE) * **CMOS Global Shutter:** Unlike rolling shutters, this captures the entire frame simultaneously, eliminating motion blur for high-speed objects. * **Analog Front End (AFE):** Converts the raw sensor signals into digital data with high bit-depth (typically 10 or 12-bit ADC). #### B. Processing Logic (FPGA) * **Real-time Processing:** The onboard FPGA handles pixel correction, defect pixel mapping, and gain/offset control. * **Burst Mode Memory:** Includes internal RAM to buffer images if the network bandwidth fluctuates, preventing data loss. #### C. Connectivity & I/O * **Dual GigE Interface:** Uses two Ethernet ports to double the bandwidth (2 Gbps total), allowing for higher frame rates than standard GigE cameras. * **Opto-isolated I/O:** The electronics include high-speed triggers and flash synchronization outputs protected by optical isolation to prevent damage from industrial electrical noise. --- ### 3. Electronic Interface Pinout (Circular Connector) The camera typically uses a standard M12 or Hirose connector for power and I/O signals: ```yaml Pin Configuration (Typical): 1: Power (12-24V DC) 2: Digital Input (Trigger) 3: Digital Output (Strobe/Flash) 4: Ground (GND) ``` --- ### 4. Key Application Use-Cases 1. **High-Speed Inspection:** Identifying defects on a conveyor belt moving at several meters per second. 2. **Motion Analysis:** Tracking rapid mechanical movements in automated assembly lines. 3. **Print Inspection:** Scanning high-resolution text and graphics on packaging materials.
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements (Voltage/Wattage) for this model?
    • ⤷ How does the Dual GigE setup handle data synchronization between the two ports?
    • ⤷ Is there a specific SDK required to program this camera's FPGA settings?