Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2VS-161-R

  • AI
    The **M2VS-161-R** is a specific model within the **M2VS series of Signal Conditioners** (specifically Isolators) manufactured by **M-System**. These devices are used in industrial automation to provide galvanic isolation and signal conversion between field instruments and control systems (like PLCs or DCS). --- ## Technical Specifications Overview | Feature | Specification | | :--- | :--- | | **Model Type** | Ultra-slim Signal Conditioner (M2 Series) | | **Function** | Signal Isolator (Input to Output isolation) | | **Input Signal** | 4 – 20 mA DC | | **Output Signal** | 1 – 5 V DC | | **Power Input** | 24 V DC | | **Isolation** | 3-way (Input - Output - Power) | | **Mounting** | DIN Rail Mounting | --- ## Breakdown of Electronic Components & Features ### 1. The Isolation Barrier The core electronic function of the M2VS-161-R is **3-way isolation**. * **Purpose:** It prevents ground loops and protects sensitive control equipment from high-voltage surges or electrical noise originating on the field side. * **Method:** Typically uses optical (optocouplers) or magnetic (transformers) coupling to transfer the signal across a physical gap. ### 2. Input Stage (Current Loop) The "1" in the model code suffix often denotes the input type: * **Input:** 4 – 20 mA DC. * **Internal Shunt:** The device contains a high-precision internal resistor to convert the incoming current into a voltage that the internal circuitry can process. ### 3. Output Stage (Voltage Drive) The "6" in the model code suffix denotes the output type: * **Output:** 1 – 5 V DC. * **Operational Amplifiers:** High-linearity Op-Amps are used to scale the internal signal to the standard 1-5V range while maintaining low impedance to drive the load. ### 4. Power Supply (The "R" Suffix) The **"R"** designates the power requirement: * **Voltage:** 24V DC. * **Regulation:** Contains internal DC-DC converters to step down/stabilize the voltage for the internal logic and to provide isolated power to the input/output stages. --- ## Configuration & Connection ### Terminal Layout (Typical) | Terminal No. | Function | Description | | :--- | :--- | :--- | | **4 / 5** | Input (+ / -) | Connect to field sensor (4-20mA) | | **1 / 2** | Output (+ / -) | Connect to PLC/Controller (1-5V) | | **7 / 8** | Power (+ / -) | 24V DC Power Supply | --- ## Key Benefits in Electronic Systems 1. **Noise Mitigation:** Filters out electromagnetic interference (EMI) that can corrupt analog signals over long cable runs. 2. **Impedance Matching:** Effectively matches a high-impedance sensor output to a low-impedance controller input. 3. **Space Efficiency:** The "Ultra-slim" design allows for high-density packing on DIN rails in control cabinets.
    ✨ Follow-up Questions
    • ⤷ What is the maximum isolation voltage rating for the M2VS series?
    • ⤷ How do I calibrate the zero and span on the M2VS-161-R?
    • ⤷ Can this module be used with a 2-wire transmitter that requires loop power?