Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2VS-CD-R2

  • AI
    The **M2VS-CD-R2** is a high-performance **Ultra-Slim Signal Conditioner** (Isolator) manufactured by M-System. It is designed to accept a DC voltage or current input and provide an isolated DC output, typically used to prevent ground loops and protect sensitive PLC/DCS control systems. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Model Series** | M2V Series (Ultra-slim 5.9 mm width) | | **Input Signal** | 4 – 20 mA DC, 0 – 20 mA DC, or 0 – 10 V DC (Model dependent) | | **Output Signal** | 4 – 20 mA DC (Code A) or 0 – 10 V DC (Code V) | | **Power Input (R2)** | 24V DC (Operational range 24V ± 10%) | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Dielectric Strength** | 2000V AC @ 1 minute | | **Accuracy** | ±0.1% of span | --- ### 2. Internal Electronic Architecture The M2VS-CD-R2 utilizes several specialized electronic components to achieve its high-density isolation: * **Input Stage (Signal Conditioning):** Consists of precision shunt resistors (for current inputs) or high-impedance voltage dividers. It uses low-drift operational amplifiers to normalize the signal before conversion. * **Isolation Barrier:** Uses a **transformer-coupled isolation** method. The DC input is converted into a high-frequency AC signal via a PWM (Pulse Width Modulation) circuit, passed through a miniature transformer, and then rectified back to DC. This prevents electrical noise or surges from crossing from the field side to the control side. * **Output Driver:** A power-efficient output stage that ensures the loop can drive loads up to 550 $\Omega$ (for 4-20mA signals) without significant heat generation. * **Power Supply Module (R2):** Includes a DC-to-DC converter that regulates the incoming 24V DC and provides isolated rails for both the input and output circuitry. --- ### 3. Connection Diagram (General) The unit is mounted on a DIN rail and uses terminal blocks for wiring. ```text [ FIELD SIDE ] [ DEVICE ] [ CONTROL SIDE ] Input (+) ---[1]-------| |-------[5]--- Output (+) Input (-) ---[2]-------| M2VS |-------[6]--- Output (-) | | Power (+) ---[3]-------| | Power (-) ---[4]-------| | ``` --- ### 4. Critical Electronic Advantages 1. **Ultra-Slim Form Factor:** At only 5.9 mm wide, it allows for massive space savings in electrical cabinets compared to traditional 20mm or 40mm modules. 2. **Low Heat Dissipation:** The electronic design is optimized for high-density mounting; several units can be placed side-by-side without requiring cooling gaps. 3. **High-Frequency Response:** Designed to filter out 50/60 Hz noise while maintaining a fast response time (typically $\leq$ 100 ms).
    ✨ Follow-up Questions
    • ⤷What is the maximum load resistance for the 4-20mA output on this model?
    • ⤷ Does this model support HART communication signals?
    • ⤷ What is the difference between the R and R2 power supply codes?