Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M2XU-R1Z1-R

  • AI
    The **M2XU-R1Z1-R** is a specific model within the **M2XU series** of signal conditioners manufactured by **M-System**. These devices are used in industrial automation to convert, isolate, and transmit electrical signals. Below is a breakdown of its technical specifications and electronic components. --- ### 1. Model Code Breakdown The model number identifies the specific configuration of the hardware: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **M2XU** | Series Name | Super-mini signal conditioner (Plug-in type) | | **R** | Input Type | RTD (Resistance Temperature Detector) | | **1** | Output 1 | 4 – 20 mA DC (Current Loop) | | **Z1** | Output 2 | None / Modbus (Depends on sub-config, usually indicates no 2nd analog output) | | **R** | Power Input | 24V DC | --- ### 2. Core Electronic Components & Architecture The M2XU-R1Z1-R utilizes a hybrid of analog and digital circuitry to process temperature data. #### A. Input Stage (The "R" Code) * **A/D Converter:** Converts the analog resistance from an RTD (typically Pt100) into a digital signal. * **Burnout Protection:** Includes high-resistance circuitry to detect if the sensor wire is broken, forcing the output to a safe state (upscale or downscale). * **3-Wire Compensation:** Includes circuitry to compensate for the lead-wire resistance of the RTD sensor. #### B. Isolation Barrier * **Optical/Magnetic Couplers:** This is a crucial "part" of the unit. It provides **three-way isolation** (Input to Output to Power). This prevents ground loops and protects sensitive PLC/DCS inputs from high-voltage surges in the field. #### C. Microprocessor (DSP) * **Linearization:** Since RTD resistance changes are not perfectly linear with temperature, the internal CPU applies a linearization curve to ensure the output current is precise. #### D. Output Stage (The "1" Code) * **D/A Converter:** Converts the processed digital data back into a high-precision 4–20mA analog current loop. * **Current Driver:** A transistor-based output stage capable of driving loads up to 550 $\Omega$. --- ### 3. Technical Specifications | Feature | Specification | | :--- | :--- | | **Supply Voltage** | 24V DC ($\pm$10%) | | **Power Consumption** | Approx. 0.8W | | **Isolation** | 2000V AC @ 1 minute | | **Response Time** | $\leq$ 0.5 seconds (0 – 90%) | | **Accuracy** | $\pm$0.1% of span | | **Mounting** | DIN Rail or Surface Mount via Socket | --- ### 4. Connection Diagram (General) The unit typically plugs into a base socket (M2-type). ```text [ FIELD SIDE ] [ CONTROL SIDE ] RTD (Pt100) ------> [ M2XU ] ------> 4-20mA Output Terminals 1,2,3 (Core) Terminals 4,5 ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum resistance load the 4-20mA output can handle?
    • ⤷ How do I configure the temperature range for the RTD input?
    • ⤷ Does this model support Modbus communication for diagnostic data?