Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M3A63FBD-R

  • AI
    The **M3A63FBD-R** is a specific high-performance server-grade memory module manufactured by **Micron Technology**. It is primarily used in enterprise-level workstations and servers (specifically older generations compatible with DDR2 architecture). Below is a detailed breakdown of its electronic specifications and technical composition. --- ## 1. Core Technical Specifications The M3A63FBD-R is defined by the following electrical and physical characteristics: | Feature | Specification | | :--- | :--- | | **Memory Type** | DDR2 SDRAM | | **Module Type** | Fully Buffered DIMM (FB-DIMM) | | **Capacity** | 2 GB | | **Speed** | PC2-5300 (667 MHz) | | **Voltage** | 1.8V (Core) | | **Error Correction** | ECC (Error Correcting Code) | | **Rank** | 2Rx8 (Dual Rank) | | **CAS Latency** | CL5 | --- ## 2. Key Electronic Components The "electronic parts" of this module are more complex than standard desktop RAM because it is a **Fully Buffered** module. ### A. The AMB (Advanced Memory Buffer) This is the most critical electronic component on the PCB (usually located in the center). * **Function:** Unlike standard RAM where the memory controller communicates directly with the DRAM chips, the AMB acts as an intermediary. It uses a high-speed serial interface to reduce the electrical load on the motherboard’s memory controller. * **Impact:** It allows for higher memory density and better signal integrity but generates significant heat, which is why these modules always have metal heat spreaders. ### B. DRAM Integrated Circuits (ICs) * **Architecture:** The module uses **DDR2 SDRAM** chips. * **Configuration:** 2Rx8 means there are two ranks of memory chips, with each chip providing an 8-bit data path. * **Logic Levels:** Operates on SSTL_18 (Stub Series Terminated Logic) at 1.8V. ### C. EEPROM (SPD Chip) * **Function:** A small 8-pin chip that stores the **Serial Presence Detect (SPD)** data. * **Data:** It contains the timing tables, manufacturer ID, and voltage requirements that the BIOS reads during the Power-On Self-Test (POST). ### D. Passive Components * **Decoupling Capacitors:** Small Surface Mount (SMD) capacitors located near each DRAM chip to filter electrical noise and stabilize the 1.8V power supply. * **Termination Resistors:** Integrated into the layout to prevent signal reflection on the high-speed data lines. --- ## 3. Comparison: FB-DIMM vs. Standard DIMM | Feature | M3A63FBD-R (FB-DIMM) | Standard DDR2 DIMM | | :--- | :--- | :--- | | **Interface** | Serial (Point-to-Point) | Parallel | | **Pin Count** | 240-pin (different notch) | 240-pin | | **Data Integrity** | High (ECC + AMB CRC) | Standard or ECC | | **Power Consumption** | High (due to AMB chip) | Low | --- ## 4. Hardware Compatibility Because this is an **FB-DIMM**, it is electrically and physically incompatible with standard desktop motherboards. It is designed for: * Intel Xeon-based servers (e.g., 5000/5100/5300/5400 series chipsets). * Apple Mac Pro (Early generations like 2006-2008). * High-end workstations requiring high reliability.
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'Fully Buffered' architecture in server environments?
    • ⤷ Can this module be used in a standard consumer PC with DDR2 slots?
    • ⤷ Why do FB-DIMM modules like the M3A63FBD-R require large heat spreaders?