AI

## Analysis of the M3E64XQD-R Component
The **M3E64XQD-R** is a specialized electronic memory component, typically categorized as an **XQD Memory Card** primarily used in high-end photography, cinematography, and data-intensive industrial applications.
---
### 1. Technical Specifications
Below are the primary electronic characteristics and performance metrics for this class of device:
| Feature | Specification |
| :--- | :--- |
| **Interface** | PCIe Gen2 / USB 3.0 (Internal) |
| **Protocol** | NVMe / XQD 2.0 |
| **Capacity** | 64 GB |
| **Read Speed** | Up to 440 MB/s |
| **Write Speed** | Up to 400 MB/s |
| **Form Factor** | XQD (38.5 x 29.8 x 3.8 mm) |
| **Operating Temp** | -25°C to 65°C |
---
### 2. Core Electronic Architecture
The internal circuitry of the M3E64XQD-R consists of several critical stages:
1. **NAND Flash Controller:** The "brain" of the device. It manages the data flow, wear leveling (to ensure the memory lasts longer), and error correction codes (ECC).
2. **NAND Flash Memory Die:** High-density storage cells where data is physically stored via trapped electrons.
3. **PCI Express (PCIe) Interface:** Unlike standard SD cards that use a serial bus, this uses a PCIe interface, allowing for much lower latency and higher bandwidth, similar to a computer's SSD.
4. **Voltage Regulator Modules (VRM):** Internal components that step down the input voltage to the specific levels required by the NAND chips.
---
### 3. Key Electronic Advantages
* **Thermal Efficiency:** The casing and internal PCB (Printed Circuit Board) are designed to dissipate heat generated during high-bitrate 4K video recording.
* **Structural Integrity:** The electronic pins are recessed, protecting them from electrostatic discharge (ESD) and physical damage compared to SD cards.
* **Burst Shooting Support:** The high-speed interface allows digital cameras to clear their internal buffer almost instantly, preventing camera "lag."
---
### 4. Compatibility and Usage
This part is commonly found in professional-grade hardware, including:
* **Nikon** Z6, Z7, D500, D850 cameras.
* **Sony** PXW-FS7 series camcorders.
* **High-speed Data Loggers** in industrial environments.
---
- ⤷
What is the difference between XQD and CFexpress Type B cards?
- ⤷ How does PCIe technology improve XQD performance over UHS-II SD cards?
- ⤷ Are there specific card readers required for the M3E64XQD-R?