M3H22TAD-R
AI

The **M3H22TAD-R** is a high-performance power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) typically used in automotive and industrial power management applications. It is designed for efficient switching and low energy loss.
---
## 1. Core Technical Specifications
Below are the primary electrical characteristics for this component:
| Parameter | Description | Typical Value |
|:---|:---|:---|
| **Type** | N-Channel Enhancement Mode | - |
| **Drain-Source Voltage ($V_{DSS}$)** | Maximum breakdown voltage | 30V - 40V |
| **Drain Current ($I_D$)** | Maximum continuous current | ~80A - 100A (Package limited) |
| **$R_{DS(on)}$** | Static Drain-Source On-Resistance | < 2.0 mΩ |
| **Gate Charge ($Q_g$)** | Total gate charge for switching | Low (optimized for high speed) |
| **Package** | Surface Mount | TSON-8 / DFN (Thermal optimized) |
---
## 2. Key Electronic Features
### Low On-Resistance ($R_{DS(on)}$)
One of the most critical aspects of this part is its extremely low resistance when turned on. This reduces **conduction losses**, meaning the device generates very little heat even when high current passes through it.
### High-Speed Switching
The internal capacitance (gate-to-source and gate-to-drain) is minimized. This allows the MOSFET to turn on and off rapidly, reducing **switching losses** in DC-DC converters.
### Thermal Management
The "TAD" suffix often refers to the package type (like an 8-pin TSON). This package features an exposed thermal pad on the bottom, allowing heat to transfer directly into the PCB copper layers.
---
## 3. Circuit Applications
The M3H22TAD-R is commonly integrated into the following circuits:
1. **Synchronous Rectification:** Used in the secondary side of power supplies to improve efficiency over traditional diodes.
2. **DC-DC Converters:** Point-of-Load (POL) modules for CPUs and GPUs where high current and low voltage are required.
3. **Motor Drivers:** H-bridge circuits for small DC motors or automotive actuators.
4. **Load Switching:** Used as a digital switch to turn off entire subsystems to save power.
---
## 4. Typical Connection Diagram
In a standard application, the pins are utilized as follows:
```text
[ Drain ] (Top/Pad)
|
+-----+-----+
| |
[Gate]----[Source]
```
* **Gate:** Controlled by a PWM signal from a Microcontroller or Gate Driver.
* **Drain:** Connected to the high-voltage side or the load.
* **Source:** Connected to the ground (in low-side switching) or the output.
---
- ⤷
What are the specific thermal limits for the M3H22TAD-R during continuous operation?
- ⤷ How does the RDS(on) of this MOSFET change with temperature variations?
- ⤷ Which gate driver ICs are best suited for driving this N-channel MOSFET at high frequencies?