M3H28TAD-R
AI

The **M3H28TAD-R** is a high-performance, radiation-hardened (Rad-Hard) DC-DC converter designed specifically for aerospace and satellite applications. It is part of the M3H series manufactured by **International Rectifier (now Infineon Technologies)**.
---
## 1. Core Technical Specifications
The M3H28TAD-R is designed to provide stable power in the harsh environment of space, where radiation and vacuum conditions are prevalent.
| Feature | Specification |
| :--- | :--- |
| **Input Voltage Range** | 18V to 50V DC (28V Nominal) |
| **Output Voltage** | Triple Output (Typically +5V and ±12V or ±15V) |
| **Total Power** | Up to 40 Watts |
| **Efficiency** | Up to 82% |
| **Isolation** | 100MΩ @ 500VDC |
| **Operating Temp** | -55°C to +125°C |
| **Package** | Hermetically sealed metal case |
---
## 2. Radiation Hardness & Reliability
The "R" suffix in the part number usually denotes the radiation rating. This device is engineered to withstand the effects of the space environment:
* **Total Ionizing Dose (TID):** Guaranteed performance up to **100 krad(Si)**.
* **Single Event Effects (SEE):** Rated for Linear Energy Transfer (LET) up to **82 MeV·cm²/mg**.
* **Magnetic Feedback:** Uses a localized magnetic feedback loop instead of optocouplers, as optocouplers are highly susceptible to radiation degradation.
---
## 3. Functional Internal Blocks
The electronic architecture consists of several critical stages to ensure power integrity:
### A. Input Filter
Includes an internal EMI filter to meet MIL-STD-461 requirements, preventing high-frequency noise from feeding back into the satellite's primary power bus.
### B. Switching Regulator
Utilizes a high-frequency (approx. 400kHz - 500kHz) fixed-frequency PWM (Pulse Width Modulation) topology. This allows for smaller passive components (inductors/capacitors) to save weight.
### C. Triple Output Regulation
1. **Main Output:** Usually the +5V line, which is the primary regulated loop.
2. **Auxiliary Outputs:** The positive and negative rails (e.g., ±12V) are cross-regulated or utilize post-regulators to maintain stability.
---
## 4. Protection Features
To prevent failure in orbit, the M3H28TAD-R includes hardware-level protections:
* **Short Circuit Protection:** Current limiting to prevent thermal runaway.
* **Under-Voltage Lockout (UVLO):** Ensures the converter doesn't attempt to start under insufficient input voltage.
* **Remote Sense:** Compensates for voltage drops across connectors and traces.
---
## 5. Typical Application
This part is commonly found in:
* **Low Earth Orbit (LEO) Satellites**
* **Geostationary (GEO) Satellites**
* **Deep Space Probes**
* **Military Aircraft Avionics**
- ⤷
What are the specific output voltage configurations for the 'TAD' variant?
- ⤷ How does the magnetic feedback in this model differ from standard industrial DC-DC converters?
- ⤷ What are the mounting and thermal management requirements for the hermetic package?