Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M3H41FBD-R

  • AI
    The **M3H41FBD-R** belongs to the **TMC Series** (specifically the TXZ+ Family) of microcontrollers developed by **Toshiba**. These are high-performance ARM® Cortex®-M3 based MCUs designed primarily for motor control, industrial automation, and consumer electronics. --- ### 1. General Specifications Below is a breakdown of the core technical parameters of this specific part: | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Max Clock Frequency** | 120 MHz | | **Flash Memory** | 128 KB | | **RAM** | 16 KB | | **Operating Voltage** | 2.7V to 5.5V | | **Package Type** | LQFP48 (7mm x 7mm) | | **Operating Temp** | -40°C to 85°C | --- ### 2. Key Electronic Components & Subsystems The M3H41FBD-R integrates several specialized blocks that define its performance: #### A. Power Management & Clocking * **Voltage Regulator:** Integrated LDO to convert external VDD to internal core voltage. * **Oscillators:** Supports high-speed external crystal (HSE) and internal high-speed oscillators (IHOS). * **Low Power Modes:** Includes IDLE, STOP1, and STOP2 modes to minimize current consumption in battery-operated devices. #### B. Analog-to-Digital Conversion (ADC) * Equipped with a **12-bit ADC** with a conversion speed of approximately 1.0 $\mu s$. * Crucial for sensing motor current, temperature, and voltage levels in real-time. #### C. Advanced Timer Units * **T32A (32-bit Timer Event Counter):** Used for generating high-resolution PWM (Pulse Width Modulation) signals. * **Motor Control Circuit:** Specifically designed to drive 3-phase BLDC (Brushless DC) motors with dead-time insertion. #### D. Communication Interfaces * **UART:** For serial communication with other modules or PCs. * **I2C:** For interfacing with sensors or EEPROMs. * **TSPI:** Toshiba's high-speed Serial Peripheral Interface for fast data exchange. --- ### 3. Part Number Decoder Understanding the "M3H41FBD-R" suffix: 1. **M3H:** Represents the Cortex-M3 Group within the TXZ+ Family. 2. **4:** High-speed version (120 MHz). 3. **1:** Memory density indicator (128 KB Flash). 4. **F:** Package type code (LQFP). 5. **BD:** Specific pin-out and function mapping. 6. **-R:** Indicates "Tape and Reel" packaging for automated assembly. --- ### 4. Typical Applications * **Consumer Appliances:** Washing machines, air conditioners (inverter control). * **Industrial:** Small-scale PLC (Programmable Logic Controllers) and sensor hubs. * **Office Automation:** Printers and scanners requiring precise motor positioning.
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of the TXZ+ family over the standard Cortex-M3 series?
    • ⤷ Can this MCU be programmed using standard ARM development tools like Keil or IAR?
    • ⤷ Does the M3H41FBD-R include hardware-based security features?