Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M3H43TAD-R

  • AI
    ## Overview of the M3H43TAD-R The **M3H43TAD-R** is a specific part number belonging to the **M3H Group** of microcontrollers developed by **Toshiba**. These microcontrollers are based on the **ARM® Cortex®-M3** core and are designed for high-performance control applications, particularly in motor control and industrial automation. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Core Architecture** | ARM® Cortex®-M3 | | **Maximum Frequency** | Up to 80 MHz | | **Operating Voltage** | 2.7V to 5.5V | | **Flash Memory** | Varies (Typically 32KB to 128KB in this series) | | **RAM** | Varies (Typically 6KB to 16KB) | | **Package Type** | TQFP (Thin Quad Flat Package) | | **Temperature Range** | -40°C to +85°C | --- ### Core Functional Blocks #### 1. Processing Core The ARM Cortex-M3 core provides a balance between high-speed processing and low power consumption. It includes: * **NVIC (Nested Vectored Interrupt Controller):** Manages interrupts with low latency, crucial for real-time control. * **Debug Interface:** Supports SWD (Serial Wire Debug) and JTAG. #### 2. Advanced Timer Unit (T32A) This is a defining feature of the M3H series. The **T32A (32-bit Timer Event Counter)** is specialized for: * Generating high-resolution PWM (Pulse Width Modulation) signals. * Controlling 3-phase motors (BLDC/PMSM). * Synchronizing ADC conversions with timer events. #### 3. Analog Peripherals * **12-bit ADC:** High-speed Analog-to-Digital converters for precise sensor feedback (current, voltage, temperature). * **DA Converter:** For generating analog reference signals. #### 4. Communication Interfaces The M3H43TAD-R typically supports standard industrial communication protocols: * **UART:** For serial communication. * **I2C:** For peripheral interfacing. * **TSPI:** Toshiba Serial Peripheral Interface (High-speed SPI). --- ### Applications Due to its 5V operation capability and specialized motor control timers, this part is commonly found in: 1. **Home Appliances:** Washing machines, air conditioners, and refrigerators. 2. **Industrial Equipment:** Small-to-medium motor drives and pumps. 3. **Consumer Electronics:** Devices requiring precise motion control. --- ### Code Implementation Example (CMSIS Style) To initialize a basic GPIO output on a Cortex-M3 device like the M3H series, the structure typically follows this pattern: ```c #include "TXZ3.h" // Device specific header void GPIO_Init(void) { /* Enable Clock for GPIO Port */ TSB_CG_FSYSENA_IPENA05 = 1; /* Set Pin as Output */ TSB_PA_CR_CR0 = 1; // Set PA0 as output TSB_PA_DATA_DATA0 = 1; // Drive PA0 High } ```
    ✨ Follow-up Questions
    • ⤷ What are the specific memory sizes (Flash/RAM) for the TAD-R suffix?
    • ⤷ How does the T32A timer differ from standard ARM timers?
    • ⤷ What development tools or IDEs are recommended for Toshiba M3H microcontrollers?