M3H52TBD-R
AI

The **M3H52TBD-R** refers to a specific evaluation board (Starter Kit) for the **TOSHIBA TXZ+™ Family M3H Group** microcontrollers. This board is designed to help engineers prototype and test the capabilities of the ARM® Cortex®-M3 based MCU.
Below is a breakdown of the electronic components and technical specifications of this board.
---
### 1. Core Microcontroller (MCU)
The heart of the board is the **TMPM3H5FDFG**, which belongs to the M3H Group.
| Feature | Specification |
| :--- | :--- |
| **Core** | ARM® Cortex®-M3 |
| **Max Frequency** | 80 MHz |
| **Flash Memory** | 512 KB |
| **SRAM** | 64 KB |
| **Operating Voltage** | 2.7V to 5.5V |
### 2. Key Electronic Peripheral Components
The board integrates several hardware features to interface with the MCU:
* **Communication Bridges:**
* **USB-to-UART:** Usually handled by an onboard chip (like FTDI or a secondary MCU) to allow serial debugging via a PC.
* **CAN Interface:** Includes a CAN transceiver for industrial networking tests.
* **Debugging Hardware:**
* Includes a **CMSIS-DAP** compliant debugger. This allows you to program and debug the MCU directly via USB without needing an external J-Link or U-Link probe.
* **User Interfaces:**
* **LEDs:** Programmable LEDs for status indication or "Blinky" tests.
* **Push Buttons:** Reset button and user-defined input switches.
* **Connectors:**
* **Arduino Uno R3 Headers:** Allows for the attachment of standard Arduino shields.
* **Extension Headers:** Access to all GPIO pins of the TMPM3H5FDFG.
---
### 3. Power Supply System
The board is designed to be versatile regarding power input:
1. **USB Powered:** Can run directly from the 5V supplied by the Micro-USB debug port.
2. **External Supply:** Can be powered via external headers if integrating into a larger circuit.
3. **Voltage Regulators:** Onboard LDOs (Low Drop-Out regulators) convert 5V input to the 3.3V or 5.0V required by the MCU.
### 4. Technical Block Diagram Overview
Conceptually, the board is structured as follows:
```mermaid
graph TD
USB[USB Port] --> DEBUG[On-board Debugger]
DEBUG --> MCU[TMPM3H5 MCU]
MCU --> GPIO[Extension Headers]
MCU --> ARD[Arduino Headers]
MCU --> UART[UART/CAN Transceivers]
PWR[Power Management] --> MCU
```
---
### 5. Application Focus
The electronic design of the M3H52TBD-R is optimized for:
* **Motor Control:** High-resolution timers and ADC inputs.
* **Industrial Equipment:** Robust I/O and CAN communication support.
* **Home Appliances:** Low power consumption modes and 5V operation support.
- ⤷
What software IDEs are compatible with the M3H52TBD-R board?
- ⤷ Does this board support motor control specialized peripherals like A-PMD?
- ⤷ How do I configure the jumpers on this board for external power supply?