Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M3H65FBG-R

  • AI
    The **M3H65FBG-R** is a high-performance N-channel power MOSFET manufactured by **Toshiba**. It belongs to the **TWELVE** series and is built using Silicon Carbide (SiC) technology, specifically designed for high-efficiency power conversion in industrial and automotive applications. --- ### 1. Key Technical Specifications The following table outlines the primary electrical characteristics of the M3H65FBG-R: | Parameter | Symbol | Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 650 V | | **Drain Current (DC)** | $I_D$ | 65 A | | **Drain-Source On-Resistance** | $R_{DS(ON)}$ | 65 mΩ (Typ.) | | **Gate-Source Voltage** | $V_{GSS}$ | -10 V to +25 V | | **Total Gate Charge** | $Q_g$ | 55 nC (Typ.) | | **Package Type** | - | TO-247-4L (4-pin) | --- ### 2. Physical Structure and Pinout Unlike standard 3-pin MOSFETs, this part typically uses a **4-pin TO-247 package**. The addition of a 4th pin is a critical design feature for high-speed switching. * **Pin 1:** Gate * **Pin 2:** Driver Source (Kelvin Source) * **Pin 3:** Power Source * **Pin 4:** Drain #### The Kelvin Source Advantage The dedicated "Driver Source" pin reduces the influence of source inductance during high-frequency switching. This minimizes gate-source voltage ringing and allows for faster, cleaner switching transitions compared to traditional 3-pin packages. --- ### 3. Core Technologies & Features * **SiC (Silicon Carbide) Schottky Barrier Diode (SBD) Integration:** Some models in this series feature an integrated SBD to reduce switching losses and improve reverse recovery characteristics. * **High Thermal Conductivity:** SiC material allows for operation at higher temperatures (up to 175°C) with better heat dissipation than standard Silicon (Si). * **Low Switching Loss:** The low gate charge ($Q_g$) and low capacitance allow the device to operate at much higher frequencies, enabling the use of smaller inductors and capacitors in the circuit. --- ### 4. Common Applications Due to its 650V rating and high-speed capabilities, it is primarily used in: 1. **Switching Mode Power Supplies (SMPS):** Server power and industrial power units. 2. **EV Charging Stations:** DC-DC converters and onboard chargers. 3. **Solar Inverters:** High-efficiency string inverters. 4. **Uninterruptible Power Supplies (UPS):** High-power AC-DC conversion. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of using a 4-pin TO-247 package over a 3-pin package in this MOSFET?
    • ⤷ How does the SiC technology in the M3H65FBG-R compare to traditional Silicon MOSFETs regarding efficiency?
    • ⤷ What is the recommended gate driver voltage for optimal performance with this part?