Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M3H66TCD-R

  • AI
    The **M3H66TCD-R** is a high-performance, automotive-grade MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) manufactured by **Renesas Electronics**. It is designed specifically for power switching applications in harsh environments. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the M3H66TCD-R: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Type** | N-Channel | Standard polarity for high-side or low-side switching | | **Drain-Source Voltage ($V_{DSS}$)** | 60V | Maximum voltage the device can handle | | **Continuous Drain Current ($I_D$)** | ~120A | High current capability (temperature dependent) | | **Static Drain-Source On-Resistance ($R_{DS(on)}$)** | ~1.4 mΩ | Very low resistance to minimize power loss | | **Gate-Source Voltage ($V_{GSS}$)** | ±20V | Voltage range for controlling the gate | | **Package Type** | TO-252 (DPAK) | Surface mount package with good thermal dissipation | --- ### 2. Core Features * **AEC-Q101 Qualified:** This part is certified for automotive use, meaning it can withstand extreme temperatures, vibrations, and stress. * **Low On-Resistance ($R_{DS(on)}$):** The extremely low resistance results in minimal heat generation during operation, increasing overall system efficiency. * **Trench Technology:** Renesas uses a trench gate structure to pack more cells into a smaller area, improving current density. * **High Thermal Efficiency:** The TO-252 package allows for effective heat sinking to the PCB. --- ### 3. Application Use Cases Due to its high current handling and ruggedness, it is commonly found in: 1. **Automotive DC-DC Converters:** Converting battery voltages within a vehicle. 2. **Motor Drives:** Used in electronic power steering (EPS) or fan control. 3. **Battery Management Systems (BMS):** Switching high-current paths for protection. 4. **Load Switching:** Turning high-power peripherals on/off safely. --- ### 4. Thermal Management Note In high-current applications (approaching 100A+), heat becomes a critical factor. Even with a low $R_{DS(on)}$, the formula $P = I^2 \times R$ dictates that high current will generate heat. Designers must ensure: * Large copper planes on the PCB for heat sinking. * Proper thermal vias to transfer heat to internal board layers.
    ✨ Follow-up Questions
    • ⤷ What are the alternative packages for the M3H66TCD if TO-252 is too large?
    • ⤷ How does the gate charge (Qg) of this MOSFET affect switching speed?
    • ⤷ Can this MOSFET be used in a 48V automotive system safely?