Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M3R63FCJ-R

  • AI
    The **M3R63FCJ-R** is a specific frequency control component, typically categorized as a **Crystal Oscillator**. These parts are fundamental in electronic circuits for providing a stable clock signal to microprocessors and communication interfaces. --- ### 1. General Specifications While specific datasheets can vary by manufacturer (often associated with brands like MtronPTI), the "M3R" series generally follows these technical parameters: | Parameter | Typical Value / Description | |:---|:---| | **Component Type** | XO (Crystal Oscillator) | | **Package Style** | J-Lead (Ceramic Surface Mount) | | **Supply Voltage** | Usually 3.3V or 5.0V (Varies by sub-model) | | **Output Type** | CMOS / TTL Compatible | | **Frequency Stability** | ±25ppm to ±100ppm (Application dependent) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Key Electronic Features #### A. The J-Lead Package The "CJ" in the suffix often refers to the **J-Lead** termination style. Unlike flat pads (LCC), J-Leads provide a degree of mechanical flexibility. This is crucial for: * **Thermal Expansion:** Absorbing stress caused by the difference in expansion between the PCB and the ceramic component. * **Vibration Resistance:** Offering better durability in high-vibration environments compared to rigid surface mounts. #### B. Tri-State Functionality Most oscillators in this series feature a **Tri-state (Enable/Disable)** pin. * When the pin is High (or floating), the oscillator outputs the frequency. * When Low, the output goes into a high-impedance state, reducing power consumption. #### C. Frequency Stability The "R" suffix often denotes **RoHS Compliance**, meaning the part is manufactured without lead, mercury, or other restricted hazardous substances. --- ### 3. Application Use Cases The M3R63FCJ-R is designed for precision timing in the following sectors: 1. **Networking:** Providing clock references for Ethernet switches and routers. 2. **Industrial Control:** Used in PLCs (Programmable Logic Controllers) where temperature fluctuations are common. 3. **Embedded Systems:** Acting as the heartbeat for ARM or AVR-based microcontrollers. --- ### 4. Circuit Implementation To ensure stable operation, follow these standard hardware guidelines: ```c // Design Notes for M3R Series: 1. Place a 0.01µF to 0.1µF bypass capacitor as close to the Vcc pin as possible. 2. Keep the output trace short to minimize EMI (Electromagnetic Interference). 3. Ensure the ground plane is solid beneath the component to reduce phase noise. ```
    ✨ Follow-up Questions
    • ⤷ What is the exact output frequency for the M3R63FCJ-R variant?
    • ⤷ How does a J-lead package compare to an LCC package in terms of reliability?
    • ⤷ What are the power consumption characteristics of this oscillator?