AI

Based on the part number **M3V28T2J-R**, this component is a **Surface Mount (SMD) Quartz Crystal Oscillator**. It is commonly used in telecommunications, automotive electronics, and consumer devices to provide a precise clock frequency for microprocessors.
---
## 1. Technical Specifications
Below are the typical parameters associated with this specific series:
| Feature | Specification Details |
| :--- | :--- |
| **Package Type** | SMD (Surface Mount Device) |
| **Package Size** | 3.2mm x 2.5mm (4 Pads) |
| **Supply Voltage (Vdd)** | 2.8V (Typical) |
| **Output Type** | CMOS / HCMOS |
| **Frequency Stability** | ±25ppm to ±50ppm (Standard) |
| **Operating Temp Range** | -40°C to +85°C (Industrial Grade) |
| **Packaging** | Tape & Reel (indicated by the "-R" suffix) |
---
## 2. Part Number Breakdown
The alphanumeric code follows a specific nomenclature used by manufacturers (typically like MtronPTI or similar frequency control vendors):
* **M3V**: Series identifier for 3.2x2.5mm SMD Voltage Controlled or Standard Crystal Oscillators.
* **28**: Represents the operating voltage (2.8 Volts).
* **T**: Usually denotes the temperature range (e.g., -40°C to +85°C).
* **2**: Often signifies the frequency stability (e.g., ±50ppm).
* **J**: Pin configuration or specific output symmetry code.
* **-R**: Indicates **Tape & Reel** packaging for automated pick-and-place assembly.
---
## 3. Pin Configuration
The device typically has 4 gold-plated pads located on the bottom of the ceramic package:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | E/D or NC | Enable/Disable (Tri-state) or No Connect |
| **2** | GND | Ground / Case |
| **3** | Output | Frequency Signal Output |
| **4** | Vdd | Power Supply Voltage (+2.8V) |
---
## 4. Key Applications
* **Communication Equipment:** WiFi routers, Bluetooth modules, and GPS receivers.
* **Computing:** Clock source for MCUs, FPGAs, and Digital Signal Processors.
* **Consumer Electronics:** Wearables, smart home devices, and tablets where space is limited.
- ⤷
What is the exact frequency of your specific M3V28T2J-R unit?
- ⤷ Do you need the internal schematic or a wiring diagram for this part?
- ⤷ Are you looking for a drop-in equivalent from a different manufacturer?