Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M3V64V2AJ-R

  • AI
    The **M3V64V2AJ-R** is a specific surface-mount electronic component, typically categorized as a **Voltage Controlled Crystal Oscillator (VCXO)** or a high-precision oscillator module. These parts are essential for frequency control and timing in telecommunications and networking hardware. --- ### 1. General Specifications While specific datasheets can vary by manufacturer (often produced by companies like **MtronPTI**), the part number breakdown generally reflects the following technical characteristics: | Feature | Specification | | :--- | :--- | | **Component Type** | Voltage Controlled Crystal Oscillator (VCXO) | | **Package Type** | SMT (Surface Mount Technology) J-Lead or 6-pad | | **Supply Voltage** | Typically 3.3V or 5.0V | | **Output Type** | CMOS / TTL Compatible | | **Frequency Stability** | Usually ±25ppm to ±50ppm | | **Operating Temp** | Industrial grade (-40°C to +85°C) | --- ### 2. Key Electronic Functions #### A. Frequency Control (Voltage Tuning) Unlike a standard fixed oscillator, the "V" in the part number signifies **Voltage Control**. This allows the output frequency to be adjusted slightly (pulled) by applying an external control voltage. This is critical for: * **Phase-Locked Loops (PLLs):** Synchronizing local clocks with incoming data streams. * **Jitter Reduction:** Smoothing out timing irregularities in high-speed data. #### B. Output Characteristics The device generates a precise square wave signal. It is designed with low "Phase Jitter," meaning the timing of the pulses is extremely consistent, which prevents data errors in high-speed digital circuits. --- ### 3. Pinout Configuration (Typical) Most oscillators in this series follow a standard 6-pin or 4-pin layout: 1. **VC (Voltage Control):** Input to adjust the frequency. 2. **OE (Output Enable) or NC:** Used to turn the clock output on/off. 3. **GND:** Circuit Ground. 4. **Output:** The actual clock signal. 5. **NC (No Connect):** Or complementary output in differential models. 6. **Vcc:** DC Power Supply. --- ### 4. Common Applications * **Networking:** Routers, switches, and base stations (LTE/5G). * **Fiber Optics:** SONET/SDH equipment where clock recovery is necessary. * **Broadcast Video:** Synchronizing frames across different digital video sources. * **Data Converters:** Providing a clean clock for high-speed ADCs and DACs. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency range supported by the M3V series?
    • ⤷ How does the 'pulling range' affect the performance of this VCXO?
    • ⤷ What are the soldering precautions for J-Lead SMT components like this one?