Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M5CT-5A-R

  • AI
    The **M5CT-5A-R** is a specific electronic component, typically categorized as a **Current Transformer (CT)** designed for mounting on a printed circuit board (PCB). These devices are used to measure or monitor Alternating Current (AC) by scaling a high primary current down to a smaller, measurable secondary current. --- ## Technical Specifications The "5A" in the part number usually indicates the rated primary current, and the "R" often signifies RoHS compliance or a specific revision. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | AC Current Transformer (PCB Mount) | | **Rated Primary Current** | 5 Amperes (5A) | | **Secondary Output** | Current-ratio based (often 1000:1 or 2000:1) | | **Frequency Range** | 50Hz / 60Hz (Standard Mains Frequency) | | **Isolation Voltage** | Typically 2.5kV to 4kV (Safety Barrier) | | **Mounting Style** | Through-hole (THT) | | **Operating Temp** | -25°C to +70°C | --- ## Internal Components & Construction The M5CT-5A-R consists of several key electronic elements integrated into a single module: ### 1. Toroidal Core At the heart of the device is a circular core made of high-permeability magnetic material (such as Silicon Steel or Ferrite). This core concentrates the magnetic field generated by the wire passing through the center. ### 2. Secondary Winding Thin copper wire is wrapped around the core many times. The number of turns determines the ratio. For a 5A transformer, if there are 1000 turns, the secondary current will be $5mA$ ($5A / 1000$). ### 3. Encapsulation (Potting) The entire assembly is usually housed in a plastic casing and filled with **Epoxy Resin**. This provides: * **Insulation:** Protects the low-voltage circuitry from the high-voltage AC line. * **Mechanical Stability:** Prevents vibration and protects against moisture. --- ## Typical Application Circuit To read the current with a microcontroller (like an Arduino or ESP32), you must convert the secondary current into a voltage using a **Burden Resistor**. ```cpp // Example: Logic for calculating Current via Burden Resistor float get_current(float secondary_voltage) { float burden_resistor = 100.0; // Ohms float turns_ratio = 1000.0; float i_secondary = secondary_voltage / burden_resistor; return i_secondary * turns_ratio; } ``` --- ## Key Features * **Galvanic Isolation:** The primary wire is not electrically connected to the measurement circuit, ensuring safety. * **Linearity:** Provides an accurate representation of the AC waveform. * **Compact Design:** Designed for space-constrained PCB applications like smart plugs or energy meters.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the correct Burden Resistor value for this CT?
    • ⤷ What is the difference between a Current Transformer and a Hall Effect sensor?
    • ⤷ Can this component be used to measure DC current?