Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M5MS-4-R/K

  • AI
    The **M5MS-4-R/K** refers to a high-performance **Micro-Solenoid Valve** manufactured by companies like **CKD Corporation** or similar pneumatic component specialists. These devices are electromechanical components used to control the flow of air in precision automation systems. --- ## 1. Core Specifications The following table outlines the typical electrical and mechanical characteristics of the M5MS series: | Parameter | Specification | | :--- | :--- | | **Valve Type** | 3-Port Direct Acting Solenoid | | **Operating Voltage** | 12V DC / 24V DC (Model dependent) | | **Power Consumption** | Approx. 0.5W to 1.0W | | **Pressure Range** | 0 to 0.7 MPa | | **Connection Port** | M5 Threaded | | **Response Time** | < 10ms (High Speed) | --- ## 2. Electronic Component Breakdown The "Electronic" part of this solenoid valve consists of several integrated sub-components that convert electrical energy into mechanical movement: ### A. The Electromagnetic Coil (Solenoid) * **Function:** The heart of the unit. When DC current passes through the copper windings, it creates a magnetic field. * **Design:** Usually encapsulated in thermosetting resin to protect against moisture and vibration. ### B. Integrated Surge Suppressor * **Purpose:** The "R/K" designation often indicates the inclusion of internal protection circuits. * **Function:** When the coil is de-energized, it generates a "back-EMF" (voltage spike). An internal **Diode** or **Varistor** absorbs this spike to prevent damage to the PLC (Programmable Logic Controller) or transistor driving the valve. ### C. LED Indicator (Optional depending on sub-code) * Provides visual feedback on the excitation state. If the LED is lit, power is successfully reaching the coil. --- ## 3. Wiring and Control Logic The M5MS series is typically controlled using **Pulse Width Modulation (PWM)** for power saving or standard **On/Off DC signals**. ```python # Conceptual Logic for driving an M5MS-4-R/K via a Microcontroller if sensor_input > threshold: solenoid_pin.high() # Valve opens/activates status = "Flow Enabled" else: solenoid_pin.low() # Valve closes/deactivates via spring return status = "Flow Blocked" ``` --- ## 4. Part Number Suffix Breakdown * **M5MS**: Series identifier (Micro-Solenoid). * **4**: Number of ports or specific body configuration. * **R**: Often denotes a specific mounting style or a built-in **Surge Suppressor (Diode)**. * **K**: Often indicates a specific plug-in connector or a high-speed response variant.
    ✨ Follow-up Questions
    • ⤷ What is the maximum frequency (Hz) this solenoid can operate at?
    • ⤷ How do I choose between the 12V and 24V versions for my circuit?
    • ⤷ Does this model require lubricated air or dry air for operation?