Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M5PT-2Z-R

  • AI
    The **M5PT-2Z-R** is a specific model of a **Miniature Power Relay**, typically manufactured by brands like **Hongfa** or similar industrial relay suppliers. These components are used to control a high-power circuit with a low-power signal. --- ### 1. Key Technical Specifications Below are the typical technical parameters for the M5PT series relays: | Feature | Specification Details | | :--- | :--- | | **Contact Form** | 2Z (DPDT - Double Pole Double Throw) | | **Contact Material** | Ag alloy (Silver Alloy) | | **Max Switching Voltage** | 250VAC / 30VDC | | **Contact Rating** | 5A to 10A (Depending on specific load type) | | **Coil Voltage** | Available in 5V, 12V, 24V, or 48V DC (Refer to label) | | **Mounting Type** | PCB Mount / Plug-in | | **Termination** | Solder or Socket terminals | --- ### 2. Breakdown of the Part Number The alphanumeric code provides specific details about the construction of the part: * **M5PT**: The series designation (Miniature Power Relay, high sensitivity/capacity). * **2Z**: Indicates the **Contact Arrangement**. "2" means two poles, and "Z" is the industry code for Change-over contacts (DPDT). * **R**: Usually denotes the **Feature/RoHS status** or a specific environmental protection level (e.g., Flux proof or Wash tight). --- ### 3. Internal Schematic (DPDT) Since this is a **2Z** model, it contains two separate switches controlled by a single electromagnetic coil. ```text [ Coil ] (Pins 1 & 2) | | /-----|---|-----\ | | Pole 1 Pole 2 (COM1) (COM2) / \ / \ NC1 NO1 NC2 NO2 ``` --- ### 4. Common Applications * **Industrial Control**: Controlling small motors, solenoid valves, and actuators. * **Consumer Electronics**: Power management in household appliances (washers, heaters). * **Automation**: Used as an interface between a PLC (Programmable Logic Controller) and a high-voltage load. * **Telecommunications**: Switching signal paths or power rails. --- ### 5. Safety and Design Considerations 1. **Flyback Diode**: When driving this relay with a transistor or microcontroller, always place a diode (like 1N4148) in parallel with the coil to protect against inductive voltage spikes. 2. **Contact Arcing**: Ensure the switched load does not exceed the rated current to prevent the contacts from welding together. 3. **Isolation**: This relay provides electrical isolation between the control side (coil) and the load side (contacts).
    ✨ Follow-up Questions
    • ⤷ What is the specific coil voltage for your M5PT-2Z-R unit?
    • ⤷ Do you need the PCB footprint dimensions for this relay?
    • ⤷ Are you using this to switch an AC or DC load?