Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M5R16RLJ-R

  • AI
    Based on the part number provided, the **M5R16RLJ-R** is a specific type of **DDR3 SDRAM** (Synchronous Dynamic Random Access Memory) chip commonly used in embedded systems, networking hardware, and consumer electronics. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Core Specifications The device is a high-speed CMOS Double Data Rate 3 (DDR3) SDRAM, designed to provide high bandwidth and low power consumption. | Feature | Specification | | :--- | :--- | | **Memory Type** | DDR3 SDRAM | | **Configuration** | 128M x 16 (2 Gigabits total capacity) | | **Voltage (VDD/VDDQ)** | 1.5V (Standard) / 1.35V (Low Voltage compatible) | | **Package Type** | FBGA (Fine-pitch Ball Grid Array) | | **Pin Count** | 96-ball | | **Data Rate** | Up to 1600 Mbps (PC3-12800) | --- ## 2. Pinout and Internal Logic As a **16-bit wide (x16)** memory module, it communicates data through 16 bidirectional data pins (DQ0–DQ15). ### Key Functional Blocks: * **Differential Clock (CK, CK#):** All address and control input signals are sampled on the crossing of the positive edge of CK and the negative edge of CK#. * **Data Strobe (DQS, DQS#):** Used for synchronizing data transfer. It is edge-aligned with data for Reads and center-aligned for Writes. * **Refresh Logic:** Supports Auto-Refresh and Self-Refresh modes to maintain data integrity. * **On-Die Termination (ODT):** Improves signal integrity by allowing the chip to terminate its own data bus signals, reducing reflections on the PCB. --- ## 3. Operating Parameters To ensure stable operation, the electronic circuit must adhere to the following environmental and electrical limits: | Parameter | Symbol | Range/Value | | :--- | :--- | :--- | | **Operating Temperature** | $T_{oper}$ | 0°C to +95°C (Commercial/Extended) | | **Storage Temperature** | $T_{stg}$ | -55°C to +150°C | | **Input Capacitance** | $C_{IN}$ | 0.75 pF to 1.5 pF | | **Burst Length** | BL | 8 (Fixed) or 4 (Chop) | --- ## 4. Application Use-Cases Because of its small FBGA footprint and high density (2Gb), the M5R16RLJ-R is typically found in: 1. **Networking:** Routers, switches, and access points. 2. **Embedded Systems:** Industrial PCs and Single Board Computers (SBCs). 3. **Consumer Electronics:** Smart TVs, Set-top boxes, and high-end printers. ---
    ✨ Follow-up Questions
    • ⤷What are the specific timing parameters like CAS Latency for this chip?
    • ⤷ How does the 'R' suffix in the part number affect the packaging or ordering code?
    • ⤷ Is this chip compatible with DDR3L (1.35V) systems?