M5R63XQ-R
AI

The **M5R63XQ-R** is a specific surface-mount electronic component, typically categorized as a **High-Current Power Inductor**. These parts are essential in power management circuits, specifically within DC-DC converters and Voltage Regulator Modules (VRM).
---
## 1. Core Technical Specifications
The part number usually corresponds to the physical dimensions and electrical properties of the inductor.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Fixed Power Inductor |
| **Inductance Value** | Generally **0.63 µH** (indicated by "R63") |
| **Tolerance** | Usually ±20% |
| **Construction** | Metal Alloy / Magnetic Shielded |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Applications** | Motherboards, Graphics Cards (GPU), Servers |
---
## 2. Key Electronic Characteristics
### A. Low DCR (Direct Current Resistance)
The "M5" series is designed to have extremely low internal resistance. This is critical for high-efficiency power delivery because lower resistance minimizes heat loss ($P = I^2R$).
### B. High Saturation Current ($I_{sat}$)
The magnetic core is designed to handle high levels of current before the inductance drops significantly. This allows the part to be used in high-power phases for CPUs and GPUs.
### C. Magnetic Shielding
The part is shielded to reduce **Electromagnetic Interference (EMI)**. This prevents the switching noise of the power supply from interfering with sensitive nearby components on the PCB.
---
## 3. Physical Structure
The package is typically a molded metal powder body with integrated lead frames.
* **Body Material:** Iron powder or alloy powder, which provides high energy storage density.
* **Terminals:** Solder-plated copper, designed for robust mechanical attachment to the PCB.
* **Thermal Stability:** These inductors are rated for high-temperature environments (often up to 125°C or 150°C).
---
## 4. Typical Usage Example
In a typical computer motherboard, the **M5R63XQ-R** would be found in the **Vcore power phase**:
```mermaid
graph LR
Input(12V DC) --> PWM(PWM Controller)
PWM --> MOSFET(Power MOSFETs)
MOSFET --> Inductor(M5R63XQ-R)
Inductor --> Output(CPU/GPU Core)
```
- ⤷
What are the exact physical dimensions of the M5R63XQ-R package?
- ⤷ Can this inductor be substituted with a 0.68µH alternative?
- ⤷ What is the typical saturation current rating for this specific model?