Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M5R64ZP-R

  • AI
    Based on the component designation **M5R64ZP-R**, this is a specialized power inductor typically used in high-current DC-DC converter applications. Below is a breakdown of its characteristics and technical specifications. --- ## 1. Component Identification The part number indicates a **SMD (Surface Mount Device) Power Inductor**. These are commonly found in power management stages for laptops, graphics cards, and industrial power supplies. | Category | Specification | | :--- | :--- | | **Component Type** | Fixed Inductor | | **Sub-type** | High Current Shielded Power Inductor | | **Material** | Metal Alloy / Carbonyl Powder Core | | **Mounting** | Surface Mount (SMD) | --- ## 2. Technical Specifications While specific datasheets can vary by manufacturer (such as Cyntec or Sunlord), the "R64" code identifies the inductance value. | Parameter | Typical Value | | :--- | :--- | | **Inductance** | 0.64 µH | | **Tolerance** | ±20% (standard for power inductors) | | **DC Resistance (DCR)** | Extremely Low (typically < 2.0 mΩ) | | **Saturation Current ($I_{sat}$)** | High (often 20A - 40A range) | | **Operating Temperature** | -40°C to +125°C | --- ## 3. Key Features * **Magnetic Shielding:** The part is usually molded from a metallic powder core which provides excellent EMI (Electromagnetic Interference) shielding. * **Low DCR:** The use of flat wire or heavy-gauge copper inside minimizes "Direct Current Resistance," which reduces heat and improves efficiency. * **Soft Saturation:** Unlike ferrite inductors, these metal alloy inductors do not lose their inductance instantly when current spikes; they saturate "softly." * **High Frequency Performance:** Designed to handle switching frequencies from 100kHz up to several MHz. --- ## 4. Common Applications These inductors are critical in **Voltage Regulator Modules (VRM)** and **Point-of-Load (POL)** converters. 1. **Motherboards/GPUs:** Supplying power to CPUs and GPUs where high current and low ripple are required. 2. **Servers:** High-density power modules. 3. **DC/DC Converters:** Stepping down battery voltages to logic-level voltages (e.g., 12V to 1.2V). --- ## 5. Equivalent Replacement Guide If you are looking for a replacement, ensure the following dimensions and specs match: * **Footprint:** Measured in mm (e.g., 5.0 x 5.0 mm or 6.0 x 6.0 mm). * **Height:** The "Z" or "P" suffix often refers to the package height. * **Current Rating:** Never replace with a part that has a lower $I_{sat}$ or $I_{rms}$ rating.
    ✨ Follow-up Questions
    • ⤷What is the physical package size for the M5R64 series?
    • ⤷ Can I substitute a 0.68uH inductor for a 0.64uH inductor?
    • ⤷ How do I test if this inductor is faulty on a circuit board?