Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M5R73RL-R

  • AI
    The **M5R73RL-R** is a specific technical component part number, most commonly associated with **Electrolytic Capacitors**, specifically those manufactured by brands like **Lelon** or **ELNA** (often found in automotive or industrial power supplies). Below is a detailed breakdown of the electronic characteristics typically associated with this part series. --- ### 1. General Specifications Based on standard nomenclature for the M5R series, here are the technical attributes: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Aluminum Electrolytic Capacitor | | **Mounting Type** | Surface Mount (SMD / V-Chip) | | **Series** | M5R (Low Impedance / Long Life) | | **Termination** | Radial Lead or SMD (Depending on suffix) | | **Polarity** | Polarized | ### 2. Key Electronic Parameters The "R73" and "RL" suffixes often denote specific electrical ratings and packaging: * **Capacitance:** Usually specified in Microfarads (µF). In many naming conventions, "73" might refer to a specific capacitance code or physical size. * **Voltage Rating:** Typically ranges from 6.3V to 50V depending on the specific subset. * **Low ESR (Equivalent Series Resistance):** The "R" in many series names indicates "Low Resistance," making it suitable for filtering noise in high-frequency switching power supplies. * **Temperature Rating:** Usually rated for **-40°C to +105°C**, which is standard for industrial-grade components. ### 3. Physical Construction The M5R73RL-R is designed for durability and automated assembly: 1. **Aluminum Can:** Provides structural integrity and heat dissipation. 2. **Electrolyte:** Liquid or polymer-based conductive medium. 3. **Reflow Soldering:** The "-R" suffix often indicates that the part is compliant with RoHs and suitable for **Tape and Reel** (R) packaging for pick-and-place machines. ### 4. Common Applications These parts are used in circuits where space is limited but high reliability is required: * **DC-DC Converters:** Filtering input and output ripples. * **Automotive Electronics:** Sensors and infotainment systems. * **Telecommunications:** Power regulation for networking hardware. * **Motherboards:** Localized voltage regulation modules. --- ### Comparison: Standard vs. Low ESR (M5R Series) | Feature | Standard Capacitor | M5R73RL-R (Low ESR) | | :--- | :--- | :--- | | **Heat Generation** | Higher | Lower | | **Efficiency** | Moderate | High | | **Noise Filtering** | Basic | Advanced |
    ✨ Follow-up Questions
    • ⤷ What is the exact capacitance and voltage rating for the M5R73RL-R?
    • ⤷ Are there specific footprints or land patterns required for this SMD component?
    • ⤷ What are the recommended alternatives if this specific part is out of stock?