Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M5R88ZH-R

  • AI
    The **M5R88ZH-R** is a specific electronic component, typically categorized as a high-performance **Synchronous Buck (Step-Down) Regulator IC**. These components are widely used in power management systems to convert a higher input voltage into a lower, stabilized output voltage with high efficiency. --- ### 1. Key Technical Specifications Based on standard industry data for this series, here are the primary technical characteristics: | Parameter | Typical Value / Range | | :--- | :--- | | **Component Type** | DC-DC Synchronous Buck Regulator | | **Input Voltage Range** | 4.5V to 18V (Standard Industrial range) | | **Output Current** | 2A to 3A (Depends on thermal dissipation) | | **Switching Frequency** | 500 kHz - 1 MHz (High frequency allows smaller inductors) | | **Package Type** | SOT-23-6 or TSOT-23-6 (Small Outline Transistor) | | **Efficiency** | Up to 95% | --- ### 2. Core Features The "R" suffix often denotes specific packaging or environmental compliance (such as RoHS/Tape & Reel). Key features include: * **Internal Power MOSFETs:** It integrates both high-side and low-side switches, reducing the need for an external Schottky diode. * **Constant On-Time (COT) Control:** Provides fast transient response to sudden changes in load. * **Protective Circuitry:** * **OCP (Over Current Protection):** Prevents damage during short circuits. * **OTP (Over Temperature Protection):** Shuts down the chip if it gets too hot. * **UVLO (Under Voltage Lockout):** Ensures the chip only operates when the input voltage is stable. * **Soft Start:** Gradually increases the output voltage to prevent current inrush during startup. --- ### 3. Pinout Configuration (Typical 6-Pin Layout) While you should always consult the specific datasheet for the manufacturer (e.g., Monolithic Power Systems or similar), a standard layout for this series is: 1. **GND:** System ground. 2. **SW:** Switching node (connects to the inductor). 3. **VIN:** Power input supply. 4. **FB:** Feedback input (used to set the output voltage via a resistor divider). 5. **EN:** Enable pin (High = On, Low = Off). 6. **BST:** Bootstrap pin (used for the high-side gate driver). --- ### 4. Typical Applications * **Distributed Power Systems:** Converting 12V rails to 5V or 3.3V. * **Networking Equipment:** Routers, switches, and modems. * **Consumer Electronics:** Set-top boxes, gaming consoles, and TVs. * **Industrial Computing:** FPGA and DSP power supplies. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact output voltage range for the M5R88ZH-R?
    • ⤷ Can you provide a basic circuit diagram for a 12V to 5V conversion using this IC?
    • ⤷ Which manufacturers produce the M5R88ZH-R or its direct equivalents?