AI

The part number **M5RJ66RQJ-R** refers to a specific series of high-precision, surface-mount (SMD) resistors. These are commonly used in industrial, medical, and telecommunications equipment where stability and low noise are critical.
---
## 1. Component Overview
The M5RJ series consists of **Metal Film Precision Chip Resistors**. Metal film technology is superior to standard thick-film resistors (like the common RC series) because it offers tighter tolerances and much lower temperature coefficients.
### Key Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Technology** | Metal Film (Thin Film) |
| **Package / Case** | 0603 (Imperial) / 1608 (Metric) |
| **Resistance Value** | 6.6 MΩ (Megohms) |
| **Tolerance** | ±5% (Standard) or ±0.1% (Precision version) |
| **Power Rating** | 0.1W (1/10 Watt) |
| **Operating Temp** | -55°C to +155°C |
---
## 2. Part Number Breakdown
While manufacturer prefixes can vary (often associated with brands like **TE Connectivity / Neohm** or **Panasonic**), the alphanumeric string follows a standard logic:
1. **M5R**: Series identifier (Metal Film, High Stability).
2. **J**: Tolerance code (typically ±5%, though in precision series, this may indicate a specific temperature coefficient).
3. **66R**: Base resistance value.
4. **QJ**: Multiplier and packaging style.
5. **-R**: RoHS Compliant / Tape & Reel packaging.
---
## 3. Electrical Characteristics
Metal film resistors like the M5RJ66RQJ-R are chosen for specific electrical behaviors:
* **Low Noise:** Metal film creates significantly less "thermal noise" than carbon composition or thick film resistors, making them ideal for audio pre-amplifiers or sensor signal conditioning.
* **High Stability:** The resistance value remains constant even under varying voltage and temperature conditions (Low TCR - Temperature Coefficient of Resistance).
* **Voltage Rating:** For a 0603 package, the maximum working voltage is typically around **50V to 75V**.
---
## 4. Typical Applications
* **Voltage Dividers:** Where a precise ratio must be maintained between two resistors.
* **Feedback Loops:** In Operational Amplifier (Op-Amp) circuits to control gain.
* **Precision Sensors:** Used in scales, medical monitors, and laboratory equipment.
* **Telecommunications:** Signal processing units where high-frequency stability is required.
---
- ⤷
What is the exact Temperature Coefficient (TCR) for this specific series?
- ⤷ How does a metal film resistor compare to a thick film resistor in terms of pulse endurance?
- ⤷ Are there alternative footprints available for this resistance value?