M5RJ68SQJ-R
AI

Based on your request, here is the technical breakdown of the **M5RJ68SQJ-R**.
This part number corresponds to a **Surface Mount (SMT) RJ45 Connector** manufactured by companies like **Molex** or **Amphenol** (and various specialized high-speed connector manufacturers). It is a modular jack commonly used in networking hardware.
---
## 1. Technical Specifications
The M5RJ68SQJ-R is a high-performance modular jack designed for telecommunications and data transmission.
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | RJ45 (8P8C - 8 Positions, 8 Contacts) |
| **Mounting Type** | Surface Mount (SMT) |
| **Orientation** | Right Angle (Side Entry) |
| **Shielding** | Fully Shielded (Metal Shell) |
| **Performance Category** | Cat5e or Cat6 (Application dependent) |
| **Contact Plating** | Gold over Nickel (Usually 30µ" or 50µ") |
| **Termination** | Solder |
---
## 2. Key Design Features
### A. Shielding and Grounding
The "SQ" in the part series often refers to the specific shielding configuration. This part features a metal outer casing that provides:
* **EMI/RFI Protection:** Reduces electromagnetic interference from the environment.
* **Grounding Tabs:** Integrated tabs to ensure a solid connection to the PCB ground plane and the chassis.
### B. Integrated Magnetics (MagJack)
Most modern versions of this series include internal magnetics (transformers/chokes). These components are critical for:
* **Isolation:** Protecting the circuit from voltage spikes.
* **Signal Integrity:** Filtering noise to maintain high-speed data rates (10/100/1000 Base-T).
### C. Mechanical Stability
Since it is a Surface Mount (SMT) component, it usually features **Plastic Pegs (Locating Posts)** on the bottom. These ensure:
1. Correct alignment during the automated pick-and-place process.
2. Physical stability so that plugging/unplugging cables doesn't rip the solder pads off the PCB.
---
## 3. Application Use Cases
This connector is typically found in:
* **Networking Gear:** Routers, switches, and hubs.
* **Industrial PC (IPC):** Embedded systems requiring compact, low-profile Ethernet ports.
* **IoT Gateways:** Devices requiring reliable wired internet connectivity in a small form factor.
---
## 4. Typical Footprint Layout (Internal View)
```c
// Conceptual pinout for M5RJ68SQJ-R (8P8C)
[1] TX+ (Transmit Data +)
[2] TX- (Transmit Data -)
[3] RX+ (Receive Data +)
[4] Not Used / Bias
[5] Not Used / Bias
[6] RX- (Receive Data -)
[7] Not Used / Bias
[8] Not Used / Bias
[S1/S2] Shield Ground
```
---
- ⤷What is the recommended solder reflow profile for this SMT connector?
- ⤷ Does this specific part number include integrated LEDs?
- ⤷ What is the operating temperature range for the M5RJ68SQJ-R?