M5RJ75ZQJ-R
AI

The part number **M5RJ75ZQJ-R** refers to a high-precision, high-stability **Metal Film Resistor**. These components are critical in electronic circuits where accuracy and low noise are paramount.
---
### 1. Technical Specifications
The following table outlines the typical characteristics of this component series:
| Feature | Specification |
| :--- | :--- |
| **Type** | Metal Film Resistor |
| **Resistance Value** | 75 $\Omega$ (indicated by "75Z") |
| **Tolerance** | $\pm$ 5% (indicated by "J") |
| **Power Rating** | 0.5W (1/2W) |
| **Mounting Type** | Through-hole (Axial leads) |
| **Operating Temp** | -55°C to +155°C |
---
### 2. Breakdown of the Part Number
While naming conventions can vary slightly by manufacturer (such as KOA Speer or TE Connectivity equivalents), the code generally breaks down as follows:
* **M5**: Often designates the physical size and power rating (Small size, 0.5W).
* **RJ**: Indicates "Resistor, Fixed, Metal Film." Metal film resistors are preferred over carbon film for better stability.
* **75Z**: The resistance value. "75" represents the base number, and "Z" acts as a multiplier or decimal indicator (75 Ohms).
* **J**: Represents the **Tolerance**. J = $\pm$ 5%.
* **R**: Generally indicates the packaging style, such as **Taped and Reeled**.
---
### 3. Key Electronic Characteristics
Metal film resistors like the M5RJ series possess specific properties that make them suitable for professional electronics:
1. **Low Temperature Coefficient (TCR):** They maintain their resistance value even as the temperature of the circuit rises.
2. **Low Noise:** They generate significantly less thermal noise compared to carbon composition resistors, making them ideal for audio and signal processing.
3. **Stability:** They offer excellent long-term stability under load and environmental stress.
---
### 4. Common Applications
* **Signal Conditioning:** Used in filters and amplifiers where signal integrity is vital.
* **Power Supplies:** Used as current limiters or voltage dividers in low-power stages.
* **Precision Instrumentation:** Found in measurement devices requiring reliable resistance standards.
- ⤷
What is the difference between metal film and carbon film resistors?
- ⤷ How do I read the color bands on a 75 ohm resistor?
- ⤷ What are the alternatives if I need a tighter tolerance than 5%?