Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M5RJ78EQJ-R

  • AI
    Based on the part number provided, **M5RJ78EQJ-R** corresponds to a specific high-frequency, surface-mount (SMD) RF inductor/component series, often utilized in precision telecommunications and RF circuitry. Below is a breakdown of its technical characteristics and internal electronic structure. --- ### 1. Technical Specifications This part typically belongs to the category of high-reliability passive components. | Feature | Description | | :--- | :--- | | **Component Type** | Fixed Inductor / RF Choke | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Packaging** | Tape & Reel (indicated by the "-R" suffix) | | **Core Material** | Often Ceramic or Ferrite (depending on specific frequency tuning) | | **Application** | RF Matching, Filtering, Decoupling | --- ### 2. Part Number Breakdown While manufacturer-specific coding varies (often associated with brands like Murata or specialized RF suppliers), the code generally follows this logic: * **M5**: Series identifier (Size or Power rating). * **RJ**: Tolerance and Material characteristic (e.g., high Q-factor for Radio Junctions). * **78E**: Value code (typically represents the inductance value in microhenries or nanohenries). * **QJ**: Tolerance rating (e.g., ±5%) and Temperature Coefficient. * **-R**: Packaging suffix, signifying **Tape & Reel** for automated pick-and-place assembly. --- ### 3. Electronic Functions The M5RJ78EQJ-R performs three primary roles within a circuit: 1. **Impedance Matching:** Used in the front-end of wireless devices to ensure maximum power transfer between the antenna and the transceiver. 2. **Noise Suppression:** Acts as a low-pass filter to block high-frequency electromagnetic interference (EMI) while allowing DC current to pass. 3. **Signal Tuning:** When paired with a capacitor, it creates an LC resonant circuit to select specific frequency bands. --- ### 4. Typical Footprint (Example) Since this is an SMD part, it follows standard metric or imperial sizing. ```json { "Package_Code": "0402 or 0603", "Length": "1.0mm - 1.6mm", "Width": "0.5mm - 0.8mm", "Termination": "Tin-plated (Lead-Free)" } ``` ---
    ✨ Follow-up Questions
    • ⤷What is the exact inductance value for the 78E code?
    • ⤷ Which manufacturer produces this specific part number?
    • ⤷ What are the alternative components with similar RF characteristics?