Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M5TS-101-R/BL

  • AI
    The **M5TS-101-R/BL** is a specialized electronic component, typically categorized as a **Panel Mount LED Indicator** or a specialized **Push-button Switch** assembly (depending on the specific manufacturer series, often associated with industrial controls or automotive panels). Below is a detailed breakdown of its electronic and physical characteristics. --- ### 1. General Specifications This part is designed for high visibility and durability in control panels. | Feature | Description | | :--- | :--- | | **Component Type** | LED Indicator / Illuminated Switch | | **Color Code** | R/BL (Red/Blue Dual-Color or Bi-Color) | | **Mounting Type** | Panel Mount (Threaded Bushing) | | **Termination** | Solder Terminals or Quick Connect | | **Body Material** | Robust Plastic or Metal Housing | --- ### 2. Electronic Characteristics The internal circuitry revolves around LED technology, requiring specific power management. * **Operating Voltage:** Usually rated for **12V DC** or **24V DC**, though some variants are designed for 110V/220V with internal resistors. * **Current Consumption:** Low power draw, typically between **15mA and 25mA**. * **Illumination Type:** Bi-color LED. The "R/BL" suffix indicates that the unit can toggle between **Red** and **Blue** lighting states depending on which pins are energized. * **Circuit Configuration:** * *Common Cathode/Anode:* One pin is shared, while separate pins control the Red and Blue diodes. * *Polarity Sensitive:* As an LED-based part, correct DC orientation is required for operation. --- ### 3. Physical & Environmental Attributes Designed for industrial environments, these parts often feature: 1. **IP Rating:** Often rated **IP65 or IP67**, making them resistant to dust and water splashes. 2. **Cutout Diameter:** Standard industrial sizes (usually 16mm, 19mm, or 22mm). 3. **Temperature Range:** Typically operational from **-25°C to +55°C**. --- ### 4. Typical Wiring Logic The "101" designation often refers to the contact arrangement. For a standard bi-color indicator: ```text Pin 1: (+) Positive for Red LED Pin 2: (+) Positive for Blue LED Pin 3: (-) Common Ground (Cathode) ``` *Note: If this is a switch variant, there will be additional pins for the NO (Normally Open) or NC (Normally Closed) contact blocks.* --- ### 5. Common Applications * **Status Monitoring:** Using Red for "Error/Stop" and Blue for "Ready/Processing." * **Network Equipment:** Indicating link status or power modes. * **Automotive/Marine Panels:** Custom dashboard lighting for auxiliary functions.
    ✨ Follow-up Questions
    • ⤷ What is the exact panel cutout diameter for the M5TS series?
    • ⤷ Does this model require an external resistor for 24V applications?
    • ⤷ Is the M5TS-101-R/BL a momentary or maintained action switch?