Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M5TS-52W-R

  • AI
    ## Technical Overview of M5TS-52W-R The **M5TS-52W-R** is a specific model of a **Thermal Printer Mechanism**, typically manufactured by companies like Seiko Instruments (SII) or specialized thermal printer component manufacturers. It is designed for integration into point-of-sale (POS) terminals, kiosks, and portable labeling devices. --- ### 1. Key Electronic Components The device consists of several critical electronic and electromechanical sub-systems: | Component | Description | Function | | :--- | :--- | :--- | | **Thermal Print Head (TPH)** | A linear array of heating elements (resistors). | Converts electrical pulses into heat to create dots on thermal paper. | | **Stepper Motor** | A high-precision 4-phase or 2-phase DC motor. | Controls the paper feed increment (typically 0.125mm per step). | | **Thermistor** | A Negative Temperature Coefficient (NTC) resistor. | Monitors the temperature of the print head to prevent overheating. | | **Photo Interrupter** | An optical sensor (LED + Phototransistor). | Detects the presence of paper or "out of paper" conditions. | | **FPC Connector** | Flexible Printed Circuit interface. | Connects the mechanism to the main logic controller (CPU/MCU). | --- ### 2. Operational Specifications The electronic performance of the M5TS series is defined by its voltage requirements and resolution: * **Operating Voltage:** * **Logic Voltage (Vdd):** Usually 3.3V to 5.0V. * **Head Drive Voltage (Vp):** Typically 4.2V to 8.5V (depending on the specific power supply design). * **Resolution:** 8 dots/mm (203 DPI). * **Current Consumption:** Peak current can reach 2A - 3A during high-density printing. --- ### 3. Connection Interface (FPC Pinout Logic) The mechanism communicates with an external controller through a Flexible Printed Circuit. The typical signal logic includes: 1. **CLK (Clock):** Synchronizes the data transfer to the shift registers. 2. **DI (Data In):** Serial data input for the dots to be printed. 3. **STB (Strobe):** Controls the "On" time of the heating elements (duty cycle). 4. **LAT (Latch):** Transfers data from the shift register to the internal storage register. 5. **VH/GND:** Power supply pins for the heating elements. --- ### 4. Integration Requirements To drive this electronic part, the developer must implement: * **PWM Control:** To manage the Strobe signals based on the thermistor reading (to avoid burning the head). * **Motor Driver IC:** An H-bridge or dedicated stepper driver to manage the paper feed motor. * **Voltage Regulation:** Stable power rails to ensure consistent print darkness. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum printing speed supported by the M5TS-52W-R?
    • ⤷ How do I calculate the strobe time based on the thermistor resistance?
    • ⤷ What are the recommended motor driver ICs for this printer mechanism?