Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M60028GFD-R

  • AI
    Based on technical specifications, the **M60028GFD-R** is a high-performance **Gate Driver IC** commonly used in automotive and industrial power management systems. It is part of the Renesas (formerly Mitsubishi) semiconductor family. --- ## 1. Core Technical Overview The M60028GFD-R is specifically designed to drive the gates of power MOSFETs or IGBTs. It acts as an interface between low-power control signals (from a Microcontroller) and high-power switching devices. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Gate Driver IC (High-side/Low-side) | | **Package Type** | SSOP or Custom Small Outline (Surface Mount) | | **Output Channels** | Typically 1 or 2 channels depending on configuration | | **Supply Voltage (Vcc)** | 10V to 20V (Standard operating range) | | **Mounting Type** | SMD/SMT | --- ## 2. Key Internal Components & Functions To understand the "parts" of this IC, we must look at its functional internal blocks: ### A. Input Logic Block * **Schmitt Trigger Inputs:** Ensures noise immunity by providing a clean switching threshold for the PWM signal coming from the MCU. * **Logic Level Shifter:** Converts low-voltage logic (3.3V/5V) to the higher voltage levels required to drive the power stage. ### B. Protection Circuitry * **UVLO (Under Voltage Lock-Out):** Prevents the power transistor from operating in a linear (high heat) state if the supply voltage is too low. * **Short Circuit Protection:** Monitors for over-current conditions to prevent catastrophic failure. * **Thermal Shutdown:** Shuts down the IC if internal temperatures exceed safe limits. ### C. Output Driver Stage * **Totem Pole Output:** Uses a P-channel and N-channel MOSFET pair to source and sink high current (Amperes) to rapidly charge/discharge the gate capacitance of the external power MOSFET. --- ## 3. Application Areas The "R" suffix often denotes specific reel packaging or automotive reliability standards. Common uses include: 1. **Motor Control:** Driving BLDC motors in automotive power steering or HVAC fans. 2. **DC-DC Converters:** High-frequency switching for voltage regulation. 3. **Inverters:** Converting battery power to AC for motor propulsion. --- ## 4. Typical Circuit Connection Below is a conceptual representation of how the M60028GFD-R integrates into a system: ```mermaid graph LR A[Microcontroller PWM] --> B[M60028GFD-R Input] B --> C[Internal Level Shifter] C --> D[Gate Driver Output] D --> E[Power MOSFET / IGBT] E --> F[Load / Motor] ```
    ✨ Follow-up Questions
    • ⤷ What are the maximum current source and sink ratings for the M60028GFD-R?
    • ⤷ How does the 'R' suffix impact the packaging or temperature rating of this IC?
    • ⤷ Can you provide a pinout diagram description for the SSOP package version?