Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M60028JVD-R

  • AI
    The **M60028JVD-R** is a specific electronic component typically identified as a **High-Frequency Power MOSFET** or an **RF Power Transistor**, commonly utilized in high-power industrial and communication applications. --- ### 1. General Specifications While full datasheets are often proprietary to the manufacturer (often associated with brands like Mitsubishi or similar specialized RF semiconductor firms), the general characteristics for this part series are as follows: | Parameter | Typical Description | | :--- | :--- | | **Component Type** | RF Power MOSFET / Transistor | | **Frequency Range** | High Frequency (HF) / Very High Frequency (VHF) | | **Package Type** | Often a "JVD" or "Flange" type for heat dissipation | | **Application** | Power Amplification, Industrial Heating, Plasma Generators | | **Mounting Style** | Screw-mount (Chassis) or SMD depending on suffix | --- ### 2. Key Electronic Features The "JVD-R" designation usually points to specific internal structures designed for high-efficiency power switching: * **Low Input Capacitance:** Designed to allow for high-speed switching and high-frequency operation without significant signal degradation. * **High Thermal Conductivity:** The physical housing is designed to be mounted directly to a heatsink, as RF power parts generate significant waste heat. * **Ruggedness:** These parts are built to withstand high VSWR (Voltage Standing Wave Ratio) conditions, which are common in radio transmission and industrial RF welding. --- ### 3. Pinout and Installation Typically, these components follow a standard RF transistor layout to minimize inductance: 1. **Gate (G):** The input trigger for the transistor. 2. **Drain (D):** The primary power output/load connection. 3. **Source (S):** Usually connected to the common ground and the metal flange for cooling. #### Basic Circuit Implementation Example: ```cpp // Conceptual Logic for RF Power Control if (Signal_In > Threshold) { Apply_Bias(Gate_Voltage); // Turn on M60028JVD Output_Power = (V_Drain * I_Drain) * Efficiency_Factor; } ``` --- ### 4. Common Use Cases * **CO2 Laser Power Supplies:** Used in the RF excitation stages. * **MRI Equipment:** High-power RF pulses for medical imaging. * **Plasma Etching:** Providing stable RF power for semiconductor manufacturing. * **Broadcasting:** Final stage power amplifiers for FM/VHF transmitters. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating frequency for the M60028JVD-R?
    • ⤷ Can you provide a comparison between the M60028 and the M60029 series?
    • ⤷ What are the recommended thermal management practices for this specific package?